Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD72862 Datasheet(PDF) 21 Page - NEC

Part # UPD72862
Description  IEEE1394 OHCI HOST CONTROLLER
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD72862 Datasheet(HTML) 21 Page - NEC

Back Button UPD72862 Datasheet HTML 17Page - NEC UPD72862 Datasheet HTML 18Page - NEC UPD72862 Datasheet HTML 19Page - NEC UPD72862 Datasheet HTML 20Page - NEC UPD72862 Datasheet HTML 21Page - NEC UPD72862 Datasheet HTML 22Page - NEC UPD72862 Datasheet HTML 23Page - NEC UPD72862 Datasheet HTML 24Page - NEC UPD72862 Datasheet HTML 25Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
Data Sheet S14265EJ2V0DS00
21
µµµµPD72862
3. SERIAL ROM INTERFACE
The
µPD72862 provides a serial ROM interface to initialize the 1394 Global Unique ID Register and the
PCI/Cardbus Mode Configuration registers from a serial EEPROM.
3.1 Serial EEPROM Register
Register Address
Register Name
R/W
Base address + 0x930
SUBID register
R/W
Base address + 0x934
LATVAL register
R/W
Base address + 0x938
W_GUIDHi register
R/W
Base address + 0x93C
W_GUIDLo register
R/W
Base address + 0x940
Parameters Write register
R/W
Base address + 0x95C
W_GENERAL register
R/W
Base address + 0x960
W_PHYS register
R/W
Base address + 0x984
W_CIS register
R/W
Remark Base address : Base Address 0 in Configuration register
3.2 Serial EEPROM Register Description
(1) SUBID register (Base address + 0x930)
31
16 15
0
W_SUBSYSID
W_SUBVNDID
Field
Bits
R/W
Default value
Description
W_SUBSYSID
31-16
R/W
0063H
Subsystem ID value. The value is loaded into Subsystem ID register in
Configuration register (offset+2CH bit 31-16).
W_SUBVNDID
15-0
R/W
1033H
Subsystem Vendor ID value. The value is loaded into Subsystem Vendor ID
register in Configuration register (Offset+2CH bit 15-0).
(2) LATVAL register (Base address + 0x934)
31
24 23
16 15
12 11 10
4
3
0
W_MAXLAT
W_MINGNT
- 0 -
1
- 0 -
W_MAX_REC
Field
Bits
R/W
Default value
Description
W_MAXLAT
31-24
R/W
00H
Max Latency value. The value is loaded into Max Latency register in
Configuration register (Offset+3CH bit 31-24).
W_MINGNT
23-16
R/W
00H
Min Grant value. The value is loaded into Min Grant register in Configuration
register (Offset+3CH bit 23-16).
15-12
-
-
Reserved. Write 0 to these bits.
11
-
-
Reserved. Write 1 to this bit.
-
10-4
-
-
Reserved. Write 0 to these bits.
W_MAX_REC
3-0
R/W
9H
MAX__REC value. The value is loaded into the max_rec field of OHCI
BusOption register in OHCI register (Offset+020H bit 15-12).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com