Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD72870 Datasheet(PDF) 21 Page - NEC

Part # UPD72870
Description  IEEE1394 1-CHIP OHCI HOST CONTROLLER
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD72870 Datasheet(HTML) 21 Page - NEC

Back Button UPD72870 Datasheet HTML 17Page - NEC UPD72870 Datasheet HTML 18Page - NEC UPD72870 Datasheet HTML 19Page - NEC UPD72870 Datasheet HTML 20Page - NEC UPD72870 Datasheet HTML 21Page - NEC UPD72870 Datasheet HTML 22Page - NEC UPD72870 Datasheet HTML 23Page - NEC UPD72870 Datasheet HTML 24Page - NEC UPD72870 Datasheet HTML 25Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 48 page
background image
Preliminary Data Sheet S13925EJ2V0DS00
21
µµµµPD72870,72871
2.2 Port Status Page (Page 000)
Figure 2-2. Port Status Page
01
23
45
6
7
1000
AStat
BStat
Child
Connected
Bias
Disabled
1001
Negotiated_speed
Int_enable
Fault
Reserved
1010
Reserved
1011
Reserved
1100
Reserved
1101
Reserved
1110
Reserved
1111
Reserved
Table 2-2. Bit Field Description
Field
Size
R/W
Reset value
Description
AStat
2
R
XX
A port status value.
00:---, 10: “0”
01: “1”, 11: “Z”
BStat
2
R
XX
B port status value.
00:---, 10: “0”
01: “1”, 11: “Z”
Child
1
R
Child node status value.
1: Connected to child node
0 : Connected to parent node
Connected
1
R
0
Connection status value.
1: Connected
0: Disconnected
Bias
1
R
Bias voltage status value.
1: Bias voltage
0: No bias voltage
Disabled
1
R/W
See
Description
The reset value is set by the PORTDIS pin.
1: Disable
Negotiated_
Speed
3
R
Shows the maximum data transfer rate of the node connected to this port.
000: 100 Mbps
001: 200 Mbps
010: 400 Mbps
Int_enable
1
R/W
0
The Port_event is set to 1 by a change to 1 of the Connected, Bias, Disable,
and Fault bits.
Fault
1
R/W
0
Set to 1 if an error occurs during Suspend/Resume.
Writing 1 to this bit clears it to 0.
Writing 0 has no effect.
Reserved
-
R
000…
Reserved. Read as 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com