Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XB1086 Datasheet(PDF) 2 Page - Torex Semiconductor

Part # XB1086
Description  1.5A Poisitive Voltage Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XB1086 Datasheet(HTML) 2 Page - Torex Semiconductor

  XB1086_15 Datasheet HTML 1Page - Torex Semiconductor XB1086_15 Datasheet HTML 2Page - Torex Semiconductor XB1086_15 Datasheet HTML 3Page - Torex Semiconductor XB1086_15 Datasheet HTML 4Page - Torex Semiconductor XB1086_15 Datasheet HTML 5Page - Torex Semiconductor XB1086_15 Datasheet HTML 6Page - Torex Semiconductor XB1086_15 Datasheet HTML 7Page - Torex Semiconductor XB1086_15 Datasheet HTML 8Page - Torex Semiconductor XB1086_15 Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2/11
XB1086 Series
PIN NUMBER
TO-252
PIN NAME
FUNCITONS
1
V
SS / ADJ
Ground / Reference Voltage
2
V
OUT
Output
3
V
IN
Input
DESIGNATOR
ITEM
SYNBOL
DESCRIPTION
P
Fixed VOUT
①
Type of Regulators
K
Adjustable (Externally Set)
151
VOUT=1.5V (±1%)
181
VOUT=1.8V (±1%)
251
VOUT=2.5V (±1%)
331
VOUT=3.3V (±1%)
501
VOUT=5.1V (±1%)
②③④
Output Voltage and Output
Voltage Accuracy
12B
VREF=1.25V (±1%)
JR
TO-252 (2,500/Reel)
⑤⑥-⑦
Package
(Order Unit)
JR-G
TO-252 (2,500/Reel)
■PIN CONFIGURATION
TO-252
(TOP VIEW)
■PIN ASSIGNMENT
■PRODUCT CLASSIFICATION
●Ordering Information
XB1086①②③④⑤⑥-⑦
(*1)
13
4
2
VSS/
ADJ
VOUT
(Tab)
VIN
VOUT
VOUT
(Tab)
2
1
VSS /
ADJ
2
VOUT
3
VIN
(*1) The “-G” suffix denotes Halogen and Antimony free as well as being fully RoHS compliant.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com