Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4539 Datasheet(PDF) 22 Page - STMicroelectronics

Part # AN4539
Description  HRTIM cookbook
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4539 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button AN4539 Datasheet HTML 18Page - STMicroelectronics AN4539 Datasheet HTML 19Page - STMicroelectronics AN4539 Datasheet HTML 20Page - STMicroelectronics AN4539 Datasheet HTML 21Page - STMicroelectronics AN4539 Datasheet HTML 22Page - STMicroelectronics AN4539 Datasheet HTML 23Page - STMicroelectronics AN4539 Datasheet HTML 24Page - STMicroelectronics AN4539 Datasheet HTML 25Page - STMicroelectronics AN4539 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 33 page
background image
Voltage mode buck converter with synchronous rectification and fault protection
AN4539
22/33
DocID026506 Rev 1
4
Voltage mode buck converter with synchronous
rectification and fault protection
In this section we will discuss:
•
Deadtime;
•
Digital FAULT protection;
•
Burst mode controller.
This example presents a voltage mode buck converter where the freewheeling diode is
replaced by a MOSFET for synchronous rectification purpose. This allows to increase the
converter efficiency by reducing the losses when the inductance is demagnetized into the
output capacitor.
Figure 9 shows the power stage topology. It includes the output voltage reading and an
over-current protection using the FAULT input, to have the converter shut-down when the
current exceed a programmable threshold. For simplicity, the current sensor and the
conditioning circuitry are not discussed here; the expected FAULT feedback on FLT1 input is
a digital signal (on PA12 input).
Figure 9. Voltage mode buck with synchronous rectification
The HRTIM is operating in continuous mode, and the PWMs signals are defined as
following:
•
TA1: Set on TA Period, reset on TA CMP2
•
TA2: complementary of TA1 with deadtime generator (identical rising and falling edge
deadtimes)
The converter is over-current protected with the FLT1 digital input, low level sensitive. The
TA1 and TA2 output are forced to the low level in case of FLT1 event, by programming a
positive output polarity and an inactive fault state.
Figure 10 shows the buck control waveforms on TA1 and TA2 outputs and includes the case
where a fault occurs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com