Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM4604 Datasheet(PDF) 13 Page - Linear Technology

Part # LTM4604
Description  Low Voltage, 4A DC/DC Module Regulator with Tracking
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4604 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTM4604_15 Datasheet HTML 9Page - Linear Technology LTM4604_15 Datasheet HTML 10Page - Linear Technology LTM4604_15 Datasheet HTML 11Page - Linear Technology LTM4604_15 Datasheet HTML 12Page - Linear Technology LTM4604_15 Datasheet HTML 13Page - Linear Technology LTM4604_15 Datasheet HTML 14Page - Linear Technology LTM4604_15 Datasheet HTML 15Page - Linear Technology LTM4604_15 Datasheet HTML 16Page - Linear Technology LTM4604_15 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
LTM4604
13
4604fb
For more information www.linear.com/LTM4604
applicaTions inForMaTion
Figure 12. 3.3VIN to 2.5VOUT No Heat Sink
Figure 13. 3.3VIN to 2.5VOUT with Heat Sink
AMBIENT TEMPERATURE (°C)
70
2.0
2.5
3.0
110
4606 F12
1.5
1.0
0
80
90
100
75
115
85
95
105
0.5
4.0
3.5
0LFM
200LFM
400LFM
AMBIENT TEMPERATURE (°C)
70
2.0
2.5
3.0
110
4606 F13
1.5
1.0
0
80
90
100
75
115
85
95
105
0.5
4.0
3.5
0LFM
200LFM
400LFM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com