Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD750104 Datasheet(PDF) 39 Page - NEC

Part # UPD750104
Description  4 BIT SINGLE-CHIP MICROCONTROLLER
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD750104 Datasheet(HTML) 39 Page - NEC

Back Button UPD750104 Datasheet HTML 35Page - NEC UPD750104 Datasheet HTML 36Page - NEC UPD750104 Datasheet HTML 37Page - NEC UPD750104 Datasheet HTML 38Page - NEC UPD750104 Datasheet HTML 39Page - NEC UPD750104 Datasheet HTML 40Page - NEC UPD750104 Datasheet HTML 41Page - NEC UPD750104 Datasheet HTML 42Page - NEC UPD750104 Datasheet HTML 43Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 80 page
background image
39
µPD750104, 750106, 750108, 750104(A), 750106(A), 750108(A)
10. MASK OPTION
The
µPD750108 has the following mask options:
• Mask option of P40 to P43 and P50 to P53
Can specify whether to incorporate the pull-up resistor.
The pull-up resistor is incorporated bit by bit.
The pull-up resistor is not incorporated.
• Mask option of standby function
Can specify the wait time when STOP mode was released by an interrupt.
29/fCC (256
µs at 2.0 MHz, 512 µs at 1.0 MHz)
No wait
• Mask option of subsystem clock
Can specify whether to enable the built-in feedback resistor.
The built-in feedback resistor is enabled (it is turned on or off by software).
The built-in feedback resistor is disabled (it is cut by hardware).
1
2
2
1
2
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com