Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LA0010D Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # LA0010D
Description  REGULATOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

LA0010D Datasheet(HTML) 2 Page - Solid States Devices, Inc

  LA0010D Datasheet HTML 1Page - Solid States Devices, Inc LA0010D Datasheet HTML 2Page - Solid States Devices, Inc LA0010D Datasheet HTML 3Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: LA0010D
DOC
ELECTRICAL CHARACTERISTICS3/
CHARACTERISTICS
TEMP,
ºC
SYMBOL
MIN
TYP
MAX
UNIT
Reference
Voltage
∆V = 5V and IOUT = 10mA
10mA ≤ IOUT ≤ IMAX, 3V ≤ ∆V ≤ 35V, P≤PMAX
25
*
VREF
-1.225
-1.200
-1.250
-1.250
-1.275
-1.300
V
V
Line Regulation
4/
3V ≤ ∆V ≤ 35V
25
*
∆VOUT/ ∆VIN
--
--
0.01
0.02
0.05
0.06
%/V
%/V
Load Regulation
4/
(10mA ≤ IOUT ≤ IMAX)*
∆VOUT/ ∆VIN
--
0.4
1.5
%
Thermal Regulation
10 msec Pulse
25
--
.002
.02
%/W
Ripple Rejection
VOUT = -10V, f=120Hz
CADJ =0
CADJ = 10µF(Tantalum)
25
25
--
65
66
75
--
--
dB
dB
Adjust Pin Current
*
IADJ
--
140
200
µA
Adjust Pin Current Change
10mA ≤ IOUT ≤ IMAX
3V ≤ ∆V ≤ 35V
*
∆IADJ
--
4
11
µA
Minimum Load Current
∆V ≤ 35V
∆V ≤ 10V
*
*
--
--
5
3
10
6
mA
mA
Current Limit
∆V ≤ 10VDC
∆V = 30V
*
25
ICL
3
0.5
4.2
0.8
7
--
A
A
Temperature Stability
TMIN ≤ T ≤ TMAX
*
∆VOUT/ ∆T
--
0.5
--
%
Long Term Stability
TJ = 125ºC, D = 1000 Hours
--
∆VOUT/
VOUT @T=0
--
0.25
--
%
RMS Output Noise
(% of VOUT)
10Hz ≤ f ≤ 10kHz
25
en
--
0.003
--
%
Thermal Resistance
Junction to Case
RӨJC
--
2.2
4
°C/W
NOTES:
* Full Temperature Range
1/ For ordering information, price, and availability- contact factory.
2/ Screening based on MIL-STD-38534, actual screening flow details available.
3/ Unless otherwise specified, these specifications apply: ∆V = 5V and IOUT = 10mA. These specifications apply for power dissipation up to
35W, IMAX = 3A.
4/ Low duty cycle pulse testing is used to ensure constant junction temperature to avoid changes in output voltage caused by heating
effects.
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, CA 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
SVR333J



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com