Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1002 Datasheet(PDF) 1 Page - Linear Technology

Part # LT1002
Description  Dual, Matched Precision Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1002 Datasheet(HTML) 1 Page - Linear Technology

  LT1002 Datasheet HTML 1Page - Linear Technology LT1002 Datasheet HTML 2Page - Linear Technology LT1002 Datasheet HTML 3Page - Linear Technology LT1002 Datasheet HTML 4Page - Linear Technology LT1002 Datasheet HTML 5Page - Linear Technology LT1002 Datasheet HTML 6Page - Linear Technology LT1002 Datasheet HTML 7Page - Linear Technology LT1002 Datasheet HTML 8Page - Linear Technology LT1002 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
LT1002
Dual, Matched Precision
Operational Amplifier
Strain Gauge Signal Conditioner with Bridge Excitation
–
+
LT1001
3
10
4
11
13
6
2.0K*
8.2k
LM329
+15V
2
3
6
1002 TA01
2k
4.99k*
2k
–15V
*RN60C FILM RESISTORS
+15V
IN4148
350
Ω BRIDGE
2N2219
REFERENCE OUT
TO MONITORING
A/D CONVERTER
IN4148
100
Ω 5W
100
Ω
5W
10k
ZERO
1
µF
340k*
0 TO 10V
OUT
*
301k
1.1k*
2N2907
–
+
1
/2LT1002
–
+
1
/2LT1002
GAIN
TRIM
INPUT OFFSET VOLTAGE MATCH (
µV)
–100
70
60
50
40
30
20
10
0
–80
0
40
1002 TA02
–20
80 100
–60 –40
20
60
VS = ±15V
TA = 25°C
287 UNITS TESTED
Distribution of Offset Voltage Match
FEATURES
APPLICATIONS
s
Thermocouple Amplifiers
s
Strain Gauge Amplifiers
s
Low level signal processing
s
Medical instrumentation
s
Precision dual limit threshold detection
s
Instrumentation amplifiers
s
Guaranteed low offset voltage
LT1002A
60
µV max
LT1002
100
µV max
s
Guaranteed offset voltage match
LT1002A
40
µV max
LT1002
80
µV max
s
Guaranteed low drift
LT1002A
0.9
µV/°C max
LT1002
1.3
µV/°C max
s
Guaranteed CMRR
LT1002A
110dB min
LT1002
110dB min
s
Guaranteed channel separation
LT1002A
132dB min
LT1002
130dB min
s
Guaranteed maching characteristics
s
Low noise 0.35
µV p-p
DESCRIPTION
The LT
®1002 dual, matched precision operational amplifiers
combine excellent individual amplifier performance with tight
matching and temperature tracking between amplifiers.
In the design, processing, and testing of the device, particular
attention has been paid to the optimization of the entire
distribution of several key parameters and their matching.
Consequently, the specifications of even the low cost commer-
cial grade (the LT1002C) have been spectacularly improved
compared to presently available devices.
Essentially, the input offset voltage of all units is less than
80
µV, and matching between amplifiers is consistently beter
than 60
µV (see distribution plot below). Input bias and offset
currents, channel separation, common mode and power suply
rejections of the LT1002C are all specified at levels which were
previsouly attainable only on very expensive, selected grades
of other dual devices. Power dissipation is nearly halved
compared to the most popular precision duals, without ad-
versely affecting noise or speed performance. A by-product of
lower dissipation is decreased warm-up drift. For even better
performance in a single precision op amp, refer to the LT1001
data sheet. A bridge signal conditioning application is shown
below. This circuit illustrates the requirement for both excel-
lent matching and individual amplifier specifications.
, LTC and LT are registered trademarks of Linear Technology Corporation.


Similar Part No. - LT1002

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1002 LINER-LT1002_15 Datasheet
189Kb / 16P
Dual, Matched Precision Operational Amplifier
More results

Similar Description - LT1002

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP-10 AD-OP-10 Datasheet
612Kb / 12P
DUAL MATCHED INSTRUMENTATION OPERATIONAL AMPLIFIER
logo
Linear Technology
RH1013M LINER-RH1013M Datasheet
197Kb / 8P
Dual Precision Operational Amplifier
logo
STMicroelectronics
TS512 STMICROELECTRONICS-TS512_08 Datasheet
216Kb / 16P
Precision dual operational amplifier
05-May-2008
logo
New Japan Radio
NJM2739 NJRC-NJM2739 Datasheet
1Mb / 17P
Dual Precision Operational Amplifier
logo
Analog Devices
OP10AY AD-OP10AY Datasheet
478Kb / 12P
Dual Matched Instrumentation Operational Amplifier
OP10CY AD-OP10CY Datasheet
478Kb / 12P
Dual Matched Instrumentation Operational Amplifier
OP10 AD-OP10_15 Datasheet
616Kb / 12P
DUAL MATCHED INSTRUMENTATION OPERATIONAL AMPLIFIER
logo
Linear Technology
LT1002 LINER-LT1002_15 Datasheet
189Kb / 16P
Dual, Matched Precision Operational Amplifier
logo
Texas Instruments
LT1013 TI1-LT1013 Datasheet
114Kb / 6P
Dual Precision Operational Amplifier
LT1013 TI1-LT1013_16 Datasheet
1Mb / 36P
Dual Precision Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com