Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1002 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1002
Description  Dual, Matched Precision Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1002 Datasheet(HTML) 2 Page - Linear Technology

  LT1002_15 Datasheet HTML 1Page - Linear Technology LT1002_15 Datasheet HTML 2Page - Linear Technology LT1002_15 Datasheet HTML 3Page - Linear Technology LT1002_15 Datasheet HTML 4Page - Linear Technology LT1002_15 Datasheet HTML 5Page - Linear Technology LT1002_15 Datasheet HTML 6Page - Linear Technology LT1002_15 Datasheet HTML 7Page - Linear Technology LT1002_15 Datasheet HTML 8Page - Linear Technology LT1002_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
LT1002
1002fb
LT1002AM/LT1002AC
LT1002M/LT1002C
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
(Note 2)
20
60
25
100
µV
∆VOS
Long Term Input Offset Voltage
∆Time
Stability
(Notes 3 and 4)
0.3
1.5
0.4
2.0
µV/month
IOS
Input Offset Current
0.3
2.8
0.4
4.2
nA
IB
Input Bias Current
±0.6
±3.0
±0.7
±4.5
nA
en
Input Noise Voltage
0.1Hz to 10Hz (Note 3)
0.35
0.7
0.38
0.75
µVp-p
en
Input Noise Voltage Density
fO = 10Hz (Note 6)
10.3
20.0
10.5
20.0
fO = 1000Hz (Note 3)
9.6
11.5
9.8
12.0
nV
√Hz
AVOL
Large Signal Voltage Gain
RL ≥ 2kΩ, VO = ±12V
400
800
350
800
V/mV
RL ≥ 1kΩ, VO = ±10V
250
500
220
500
CMRR
Common Mode Rejection Ratio
VCM = ±13V
110
126
110
126
dB
PSRR
Power Supply Rejection Ratio
VS = ±3V to ±18V
108
123
105
123
dB
Rin
Input Resistance Differential Mode
(Note 5)
20
100
13
80
M
Input Voltage Range
±13
±14
±13
±14
V
VOUT
Maximum Output Voltage Swing
RL ≥ 2kΩ±13
±14
±13
±14
V
RL ≥ 1kΩ±12
±13.5
±12
±13.5
SR
Slew Rate
RL ≥ 2kΩ (Note 5)
0.1
0.25
0.1
0.25
V/
µs
GBW
Gain Bandwidth Product
(Note 5)
0.4
0.8
0.4
0.8
MHz
Pd
Power Dissipation
No load
46
75
48
85
mW
per amplifier
No load, VS = ±3V
4
7
4
8
ABSOLUTE MAXIMUM RATINGS
Supply Voltage (Note 7) ........................................
±22V
Differential Input Voltage ......................................
±30V
Input Voltage Equal to Supply Voltage
Output Short Circuit Duration ......................... Indefinite
Operating Temperature Range
LT1002AM/LT1002M (OBSOLETE) .. –55
°C to 125°C
LT1002AC/LT1002C ............................... 0
°C to 70°C
Storage Temperature Range
All Grades ......................................... – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec.)................. 300
°C
PACKAGE/ORDER INFORMATION
1
2
3
4
5
6
7
TOP VIEW
N PACKAGE
14 PIN PLASTIC
14
13
12
11
10
9
8
NULL (A)
NULL (A)
–IN (A)
+IN (A)
V– (B)
OUT (B)
V+ (B)
V+ (A)
OUT (A)
V– (A)
+IN (B)
–IN (B)
NULL (B)
NULL (B)
+
+
A
B
LT1002ACN
LT1002CN
OFFSET
VOLTAGE
MAX
at 25
°C
ORDER
PART NO.
60
µV
100
µV
NOTE: Device may be operated even if insertion
is reversed; this is due to inherent symmetry of
pin locations of amplifiers A and B. (Note 7)
ELECTRICAL CHARACTERISTICS, I DIVIDUAL A PLIFIERS
VS = ±15V, TA = 25°C, unless otherwise noted
Consult LTC Marketing for parts specified with wider operating temperature ranges.
(Note 1)
LT1002AMJ
LT1002MJ
LT1002ACJ
LT1002CJ
60
µV
100
µV
60
µV
100
µV
OBSOLETE PACKAGE
TJMAX = 125°C, θJA = 100°C/W
J PACKAGE
14 PIN HERMETIC
TJMAX = 125°C, θJA = 100°C/W
Consider the N Package for Alternate Source



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com