Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1002AMJ Datasheet(PDF) 10 Page - Linear Technology

Part # LT1002AMJ
Description  Dual, Matched Precision Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1002AMJ Datasheet(HTML) 10 Page - Linear Technology

Back Button LT1002AMJ Datasheet HTML 6Page - Linear Technology LT1002AMJ Datasheet HTML 7Page - Linear Technology LT1002AMJ Datasheet HTML 8Page - Linear Technology LT1002AMJ Datasheet HTML 9Page - Linear Technology LT1002AMJ Datasheet HTML 10Page - Linear Technology LT1002AMJ Datasheet HTML 11Page - Linear Technology LT1002AMJ Datasheet HTML 12Page - Linear Technology LT1002AMJ Datasheet HTML 13Page - Linear Technology LT1002AMJ Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
LT1002
APPLICATIONS INFORMATION
Advantages of Matched Dual Op Amps In many applica-
tions the performance of a system depends on the match-
ing between two operational amplifiers rather than the
individual characteristics of the two op amps. Two or three
op amp instrumentation amplifiers, tracking voltage refer-
ences and low drift active filters are some of the circuits
requiring matching between two op amps.
The well-known triple op amp configuration illustrates
these concepts. Output offset is a function of the differ-
ence between the offsets of the two halves of the LT1002.
This error cancellation principle holds for a considerable
number of input referred parameters in addition to offset
voltage and its drift with temperature. Input bias current
will be the average of the two non-inverting input currents
(IB+). The difference between these two currents (IOS+) is
the offset current of the instrumentation amplifier. The
difference between the inverting input currents (IOS–) will
cause errors flowing through R1, R2, and R3. Common-
mode and power supply rejections will be dependent only
on the match between the two amplifiers (assuming
perfect resistor matching).
The concepts of common mode and power supply rejec-
tion ratio match (
∆CMRR and ∆PSRR) are best demon-
strated with a numerical example:
Assume CMRRA = +1.0µV/V or 120dB,
and CMRRB = +0.75µV/V or 122.5dB,
then
∆CMRR = 0.25µV/V or 132dB;
if CMRRB = – 0.75µV/V which is still 122.5dB,
then
∆CMRR = 1.75µV/V or 115dB.
Clearly, the LT1002, by specifying and guaranteeing all of
these matching parameters, can significantly improve the
performance of matching dependent circuits.
1002 TA07
R1
10k
1%
R4
100
Ω
1%
R6
10k
1%
R5
100
Ω
1%
INPUT
OUTPUT
–
+
Gain = 1000
–
+
A
1/2 LT1002
–
+
B
1
/2 LT1002
LT1037
–
INPUT +
R2
10k
1%
R7
R9
9.76k
1%
R3
R8
2.1k
1%
C1
100pF
R10
100k
200
Ω
200
Ω
Three Op Amp Instrumentation Amplifier
Trim R8 for gain
Trim R9 for DC common mode rejection
Trim R10 for AC common mode rejection
Typical performance of the instrumentation amplifier:
Input offset voltage = 25
µV
Input bias current = 0.7nA
Input resistance = 200 G
Ω
Input offset current = 0.6nA
Input noise = 0.5
µV p-p
Power bandwidth (V0 = ±10V) = 80kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com