Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD750004CU Datasheet(PDF) 39 Page - NEC

Part # UPD750004CU
Description  4 BIT SINGLE-CHIP MICROCONTROLLER
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD750004CU Datasheet(HTML) 39 Page - NEC

Back Button UPD750004CU Datasheet HTML 35Page - NEC UPD750004CU Datasheet HTML 36Page - NEC UPD750004CU Datasheet HTML 37Page - NEC UPD750004CU Datasheet HTML 38Page - NEC UPD750004CU Datasheet HTML 39Page - NEC UPD750004CU Datasheet HTML 40Page - NEC UPD750004CU Datasheet HTML 41Page - NEC UPD750004CU Datasheet HTML 42Page - NEC UPD750004CU Datasheet HTML 43Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 84 page
background image
39
µPD750004, 750006, 750008, 750004(A), 750006(A), 750008(A)
10. MASK OPTION
The
µPD750008 has the following mask options:
• Mask option of P40 to P43 and P50 to P53
Can specify whether to incorporate the pull-up resistor.
The pull-up resistor is incorporated bit by bit.
The pull-up resistor is not incorporated.
• Mask option of standby function
Can specify the wait time with the RESET signal.
217/fX (21.8 ms at fX = 6.0 MHz, 31.3 ms at fX = 4.19 MHz)
215/fX (5.46 ms at fX = 6.0 MHz, 7.81 ms at fX = 4.19 MHz)
• Mask option of subsystem clock
Can specify whether to enable the built-in feedback resistor.
The built-in feedback resistor is enabled (it is turned on or off by software).
The built-in feedback resistor is disabled (it is cut by hardware).
1
2
1
2
1
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com