Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1510 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1510
Description  Constant-Voltage/ Constant-Current Battery Charger
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1510 Datasheet(HTML) 2 Page - Linear Technology

  LT1510_15 Datasheet HTML 1Page - Linear Technology LT1510_15 Datasheet HTML 2Page - Linear Technology LT1510_15 Datasheet HTML 3Page - Linear Technology LT1510_15 Datasheet HTML 4Page - Linear Technology LT1510_15 Datasheet HTML 5Page - Linear Technology LT1510_15 Datasheet HTML 6Page - Linear Technology LT1510_15 Datasheet HTML 7Page - Linear Technology LT1510_15 Datasheet HTML 8Page - Linear Technology LT1510_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
LT1510/LT1510-5
Supply Voltage (VMAX)............................................ 30V
Switch Voltage with Respect to GND ...................... – 3V
Boost Pin Voltage with Respect to VCC ................... 30V
Boost Pin Voltage with Respect to GND ................. – 5V
VC, PROG, OVP Pin Voltage ...................................... 8V
IBAT (Average)........................................................ 1.5A
Switch Current (Peak)............................................... 2A
Storage Temperature Range ................. – 65
°C to 150°C
ABSOLUTE MAXIMUM RATINGS
Operating Ambient Temperature Range
Commercial ............................................. 0
°C to 70°C
Extended Commercial (Note 7) ........... – 40
°C to 85°C
Industrial (Note 8) .............................. – 40
°C to 85°C
Operating Junction Temperature Range
LT1510C (Note 7) ............................. – 40
°C to 125°C
LT1510I ............................................ – 40
°C to 125°C
Lead Temperature (Soldering, 10 sec) .................. 300
°C
PACKAGE/ORDER INFORMATION
Consult factory for Military grade parts.
ELECTRICAL CHARACTERISTICS
VCC = 16V, VBAT = 8V, VMAX (maximum operating VCC) = 28V, no load on any outputs, unless otherwise noted. (Notes 7, 8)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Overall
Supply Current
VPROG = 2.7V, VCC ≤ 20V
q
2.90
4.3
mA
VPROG = 2.7V, 20V < VCC ≤ VMAX
q
2.91
4.5
mA
DC Battery Current, IBAT (Note 1)
8V
≤ VCC ≤ 25V, 0V ≤ VBAT ≤ 20V, TJ < 0°C
q
0.91
1.09
A
RPROG = 4.93k
q
0.93
1.0
1.07
A
RPROG = 3.28k (Note 4)
q
1.35
1.5
1.65
A
RPROG = 49.3k
q
75
100
125
mA
TJ < 0°C
q
70
130
mA
VCC = 28V, VBAT = 20V
RPROG = 4.93k
q
0.93
1.0
1.07
A
RPROG = 49.3k
q
75
100
125
mA
LT1510CN
LT1510CS
LT1510IN
LT1510IS
ORDER PART
NUMBER
TJMAX = 125°C, θJA = 125°C/ W
ORDER PART
NUMBER
GN PART
MARKING
*VCC1 AND VCC2 SHOULD BE CONNECTED
TOGETHER CLOSE TO THE PINS.
** FOUR CORNER PINS ARE FUSED TO
INTERNAL DIE ATTACH PADDLE FOR
HEAT SINKING. CONNECT THESE FOUR
PINS TO EXPANDED PC LANDS FOR
PROPER HEAT SINKING.
1
2
3
4
5
6
7
8
TOP VIEW
N PACKAGE
16-LEAD PDIP
16
15
14
13
12
11
10
9
**GND
SW
BOOST
GND
OVP
SENSE
GND
**GND
GND**
VCC2
VCC1
PROG
VC
BAT
GND
GND**
S PACKAGE*
16-LEAD PLASTIC SO
TJMAX = 125°C, θJA = 75°C/ W (N)
TJMAX = 125°C, θJA = 50°C/ W (S)*
1
2
3
4
8
7
6
5
TOP VIEW
SW
BOOST
GND
SENSE
VCC
PROG
VC
BAT
S8 PACKAGE
8-LEAD PLASTIC SO
LT1510CS8
LT1510IS8
1510
1510I
ORDER PART
NUMBER
S8 PART MARKING
1
2
3
4
5
6
7
8
TOP VIEW
16
15
14
13
12
11
10
9
**GND
SW
BOOST
GND
OVP
NC
SENSE
**GND
GND**
VCC2
VCC1
PROG
VC
NC
BAT
GND**
GN PACKAGE (0.015 IN)
16-LEAD PLASTIC SSOP
TJMAX = 125°C, θJA = 75°C/ W
** FOUR CORNER PINS ARE FUSED TO
INTERNAL DIE ATTACH PADDLE FOR
HEAT SINKING. CONNECT THESE FOUR
PINS TO EXPANDED PC LANDS FOR
PROPER HEAT SINKING.
LT1510CGN
LT1510IGN
LT1510-5CGN
LT1510-5IGN
1510
1510I
15105
15105I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com