Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1009 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1009
Description  2.5V Reference
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1009 Datasheet(HTML) 2 Page - Linear Technology

  LT1009 Datasheet HTML 1Page - Linear Technology LT1009 Datasheet HTML 2Page - Linear Technology LT1009 Datasheet HTML 3Page - Linear Technology LT1009 Datasheet HTML 4Page - Linear Technology LT1009 Datasheet HTML 5Page - Linear Technology LT1009 Datasheet HTML 6Page - Linear Technology LT1009 Datasheet HTML 7Page - Linear Technology LT1009 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
LT1009 Series
LT1009MH
LT1009CH
TJMAX = 150°C, θJA = 440°C/ W, θJC = 80°C/ W
ORDER PART NUMBER
Reverse Current .................................................... 20mA
Forward Current ................................................... 10mA
Storage Temperature Range ................. – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
(Note 1)
ABSOLUTE MAXIMUM RATINGS
PACKAGE/ORDER INFORMATION
Operating Temperature Range
LT1009/LT1009C .................................. 0
°C to 70°C
LT1009I ........................................... – 40
°C to 85°C
LT1009M ........................................ –55
°C to 125°C
BOTTOM VIEW
ADJ
+
–
H PACKAGE
3-LEAD TO-46 METAL CAN
TOP VIEW
NC
ADJ
NC
NC
NC
S8 PACKAGE
8-LEAD PLASTIC SO
1
2
3
4
8
7
6
5
TJMAX = 150°C, θJA = 190°C/ W
BOTTOM VIEW
Z PACKAGE
3-LEAD PLASTIC TO-92
1
2
3
–
+
ADJ
TJMAX = 100°C, θJA = 160°C/ W
ORDER PART NUMBER
ORDER PART NUMBER
S8 PART MARKING
LT1009S8
LT1009IS8
1009
1009I
LT1009CZ
LT1009IZ
AVAILABLE OPTIO S
TEMPERATURE
PACKAGE STYLE
ACCURACY
COEFFICIENT
TO-46
SO-8
TO-92
TEMPERATURE
(%)
(ppm/
°C)
(H)
(S8)
(Z)
0
°C to 70°C
0.20
25
LT1009CH
LT1009CZ
0.40
25
LT1009S8
–40
°C to 85°C
0.20
25
LT1009IZ
0.40
35
LT1009IS8
–55
°C to 125°C
0.20
35
LT1009MH



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com