Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1002M Datasheet(PDF) 4 Page - Linear Technology

Part # LT1002M
Description  Dual, Matched Precision Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1002M Datasheet(HTML) 4 Page - Linear Technology

  LT1002M Datasheet HTML 1Page - Linear Technology LT1002M Datasheet HTML 2Page - Linear Technology LT1002M Datasheet HTML 3Page - Linear Technology LT1002M Datasheet HTML 4Page - Linear Technology LT1002M Datasheet HTML 5Page - Linear Technology LT1002M Datasheet HTML 6Page - Linear Technology LT1002M Datasheet HTML 7Page - Linear Technology LT1002M Datasheet HTML 8Page - Linear Technology LT1002M Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
LT1002
at VS = ±15V, TA = 25°C, unless otherwise noted
LT1002AM/AC
LT1002M/C
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
Input Offset Voltage Match
–
15
40
–
25
80
µV
IB
+
Average Non-Inverting Bias
Current
–
±0.6
±3.5
–
±0.7
±4.8
nA
IOS+
Non-Inverting Offset Current
–
0.6
3.5
–
0.7
6.0
nA
IOS
–
Inverting Offset Current
–
0.6
3.5
–
0.7
6.0
nA
∆CMRR
Common Mode Rejection Ratio
Match
VCM = ±13V
110
132
–
108
132
–
dB
∆PSRR
Power Supply Rejection Ratio
Match
VS = ±3V to ±18V
108
130
–
102
128
–
dB
Channel Seperation
f
≤ 10Hz (Note 4)
132
148
–
130
146
–
dB
ATCHI G CHARACTERISTICS
at VS = ±15V, – 55°C ≤ TA ≤ 125°C, unless otherwise noted
LT1002AM
LT1002M
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
Input Offset Voltage Match
q
–
50
140
–
60
230
µV
Input Offset Voltage Tracking
q
–
0.3
1.0
–
0.4
1.5
µV/°C
IB+
Average Non-Inverting Bias
Current
q
–
±1.5
±6.0
–
±1.8
±10.0
nA
IOS
+
Non-Inverting Offset Current
q
–
1.5
6.5
–
1.8
12.0
nA
IOS
–
Inverting Offset Current
q
–
1.5
6.5
–
1.8
12.0
nA
∆CMRR
Common Mode Rejection Ratio
Match
VCM = ±13V
q
106
126
102
124
–
dB
∆PSRR
Power Supply Rejection Ratio
Match
VS = ±3V to ±18V
q
102
122
94
120
–
dB
ATCHI G CHARACTERISTICS
at VS = ±15V, 0°C ≤ TA ≤ 70°C, unless otherwise noted
LT1002AC
LT1002C
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
Input Offset Voltage Match
q
–
30
85
–
45
150
µV
Input Offset Voltage Tracking
q
–
0.3
1.0
–
0.4
1.5
µV/°C
IB
+
Average Non-Inverting Bias
Current
q
–
±1.0
±4.5
–
±1.2
±7.0
nA
IOS
+
Non-Inverting Offset Current
q
–
1.0
5.0
–
1.2
8.5
nA
IOS–
Inverting Offset Current
q
–
1.0
5.0
–
1.2
8.5
nA
∆CMRR
Common Mode Rejection Ratio
Match
VCM = ±13V
q
108
130
–
105
128
–
dB
∆PSRR
Power Supply Rejection Ratio
Match
VS = ±3V to ±18V
q
105
126
–
98
124
–
dB
ATCHI G CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com