Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2CZ4004RPG Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # 2CZ4004RPG
Description  Rectifier Diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

2CZ4004RPG Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  2CZ4004RPG Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd 2CZ4004RPG Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd 2CZ4004RPG Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd 2CZ4004RPG Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd 2CZ4004RPG Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
PART NO.
Note 1: "x" defines voltage from 400V (2CZ4004) to 600V (2CZ4005)
Note 2: Part No. Suffix „-xx “ would be used for special requirement
PART NO.
Document Number: DS_S131002
Version: B14
2CZ4004-M0 RPG
2CZ4004
M0
RP
G
Defined manufacture
source
Green compound
2CZ4004 RPG
2CZ4004
RP
G
Multiple manufacture
source
Green compound
2CZ4004 RP
2CZ4004
RP
Multiple manufacture
source
EXAMPLE
PREFERRED
PART NO.
PART NO.
SUFFIX
PACKING CODE
PACKING CODE
SUFFIX
DESCRIPTION
2CZ400x
(Note 1)
-xx
RP
G
SOD-123
3K / 7" Reel
2CZ4004 - 2CZ4005
Taiwan Semiconductor
Small Signal Product
ORDERING INFORMATION
PART NO.
SUFFIX (Note 2)
PACKING
CODE
PACKING CODE
SUFFIX
PACKAGE
PACKING



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com