Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1001CS8 Datasheet(PDF) 9 Page - Linear Technology

Part # LT1001CS8
Description  Precision Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1001CS8 Datasheet(HTML) 9 Page - Linear Technology

Back Button LT1001CS8 Datasheet HTML 4Page - Linear Technology LT1001CS8 Datasheet HTML 5Page - Linear Technology LT1001CS8 Datasheet HTML 6Page - Linear Technology LT1001CS8 Datasheet HTML 7Page - Linear Technology LT1001CS8 Datasheet HTML 8Page - Linear Technology LT1001CS8 Datasheet HTML 9Page - Linear Technology LT1001CS8 Datasheet HTML 10Page - Linear Technology LT1001CS8 Datasheet HTML 11Page - Linear Technology LT1001CS8 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
LT1001
rejections. Worst-case summation of guaranteed
specifications is tabulated below.
Large Signal Voltage Follower
With 0.001% Worst-Case Accuracy
The voltage follower is an ideal example illustrating
the overall excellence of the LT1001. The contributing
error terms are due to offset voltage, input bias cur-
rent, voltage gain, common-mode and power-supply
OUTPUT ACCURACY
LT1001AM
LT1001C
LT1001AM
LT1001C
/883
/883
25
°C25°C
–55 to 125
°C
0 to 70
°C
Error
Max.
Max.
Max.
Max.
Offset Voltage
15
µV60µV60µV
110
µV
Bias Current
20
µV40µV40µV55µV
Common-Mode Rejection
20
µV30µV30µV50µV
Power Supply Rejection
18
µV30µV36µV42µV
Voltage Gain
22
µV25µV33µV40µV
Worst-case Sum
95
µV
185
µV
199
µV
297
µV
Percent of Full Scale
(=20V)
0.0005%
0.0009%
0.0010%
0.0015%
Precision Absolute Value Circuit
1001 TA10
10k
0.1%
10k
0.1%
10k
0.1%
10k
0.1%
10k
0.1%
INPUT
–10 to 10V
OUTPUT
0 to 10V
2
3
6
–
+
LT1001
2
3
6
–
+
LT1001
IN4148
IN4148
2
3
6
7
10
Ω
–15V
+15V
4
*
+
+–
–
1001 TA09
620k
BATTERY
AMBIENT
2k
–15V
0.6
Ω
5W
–
+
LT1001
IN4148
IN4001
10V, 1.2 AMP HR
NICAD STACK
*
*
* SINGLE POINT GROUND
THERMOCOUPLES ARE
40
µV/°C CHROMEL-ALUMEL
(TYPE K)
CIRCUIT USES TEMPERATURE DIFFERENCE
BETWEEN BATTERY PACK MOUNTED
THERMOCOUPLE AND AMBIENT THERMO-
COUPLE TO SET BATTERY CHARGE
CURRENT. PEAK CHARGING
CURRENT IS 1 AMP.
43k
1
µF
0.1
µF
2N6387
Thermally Controlled NiCad Charger
2
3
6
7
–12 to –18V
+12 to +18V
INPUT
–10 to +10V
4
1001 TA08
OUTPUT
–10 to +10V
RS
0 to 10k
Ω
–
+
LT1001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com