Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B0530WS Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # B0530WS
Description  200mW, Low VF SMD Schottky Barrier Diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

B0530WS Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  B0530WS Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd B0530WS Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd B0530WS Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd B0530WS Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd B0530WS Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
PART NO.
B0530WS
PART NO.
B0530WS
B0530WS
Document Number: DS_S1405006
Version: G14
B0530WS RRG
RR
G
Green compound
B0530WS-L0 RRG
L0
RR
G
Green compound
EXAMPLE
PREFERRED P/N
MANUFACTURE
CODE
PACKING CODE
GREEN COMPOUND
CODE
DESCRIPTION
PACKING
MARKING
Note: Manufacture special control, if empty means no special control requirement.
(Note)
RR
G
SOD-323F
3K / 7" Reel
B3
B0530WS
Taiwan Semiconductor
Small Signal Product
ORDERING INFORMATION
PACKING
CODE
MANUFACTURE
CODE
GREEN
COMPOUND
CODE
PACKAGE



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com