Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LL41-GS18 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # LL41-GS18
Description  Small Signal Schottky Diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

LL41-GS18 Datasheet(HTML) 2 Page - Vishay Siliconix

  LL41-GS18 Datasheet HTML 1Page - Vishay Siliconix LL41-GS18 Datasheet HTML 2Page - Vishay Siliconix LL41-GS18 Datasheet HTML 3Page - Vishay Siliconix LL41-GS18 Datasheet HTML 4Page - Vishay Siliconix LL41-GS18 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
LL41
www.vishay.com
Vishay Semiconductors
Rev. 1.7, 09-May-12
2
Document Number: 85671
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
Fig. 1 - Admissible Power Dissipation vs. Ambient Temperature
Fig. 2 - Typical Reverse Characteristics
Fig. 3 - Typical Forward Characteristics
Fig. 4 - Typical Capacitance vs. Reverse Voltage
20225
Tamb - Ambient Temperature (°C)
0
50
100
150
200
250
0
50
100
150
100000
10000
1000
100
10
1
20226
VR - Reverse Voltage (V)
0
1020 3040506070 8090 100
25 °C
T = 125 °C
100 °C
75 °C
50 °C
j
0.01
0.1
100
10
1
1000
0
400
600
800
1000
1200
200
VF - Forward Voltage (mV)
18641
Tj = 125° C
°C
25
- 40 °C
20227
10
20
30
40
0
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
VR - Reverse Voltage (V)
1.0
0.5
0
15
25
35
5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com