Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1013AMJ8 Datasheet(PDF) 16 Page - Linear Technology

Part # LT1013AMJ8
Description  Quad Precision Op Amp
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1013AMJ8 Datasheet(HTML) 16 Page - Linear Technology

Back Button LT1013AMJ8 Datasheet HTML 12Page - Linear Technology LT1013AMJ8 Datasheet HTML 13Page - Linear Technology LT1013AMJ8 Datasheet HTML 14Page - Linear Technology LT1013AMJ8 Datasheet HTML 15Page - Linear Technology LT1013AMJ8 Datasheet HTML 16Page - Linear Technology LT1013AMJ8 Datasheet HTML 17Page - Linear Technology LT1013AMJ8 Datasheet HTML 18Page - Linear Technology LT1013AMJ8 Datasheet HTML 19Page - Linear Technology LT1013AMJ8 Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
16
LT1013/LT1014
TYPICAL APPLICATIONS
LVDT Signal Conditioner
–
+
LT1013
1
3
2
200k
10k
OUT
0V–3V
1
µF
100k
14
8
13
13
7
12
11
BLK
GRN
BLUE
RD-
BLUE
–
+
LT1011
7
2
3
1/2 LTC1043
1
8
4
1k
+5V
TO PIN 16, LT1043
100k
7.5k
0.01
100k
PHASE
TRIM
LVDT
YEL-BLK
–
+
LT1013
7
5
6
+5V
–5V
0.005
0.005
30k
30k
10k
4.7k
1.2k
1N914
LT1004
1.2V
10
µF
2N4338
LVDT = SCHAEVITZ E-100.
FREQUENCY =
1.5kHz
YEL-RD
Triple Op Amp Instrumentation Amplifier with Bias Current Cancellation
1/4 LT1014
9
10
8
OUTPUT
1/4 LT1014
6
5
7
1/4 LT1014
12
13
14
4
11
R3
R2
R2
R1
RG
R1
1/4 LT1014
2
3
1
V–
V+
100k
10pF
2R
10M
R
5M
+INPUT
–INPUT
R3
GAIN = 1 +
()2R1
RG
R3
R2
INPUT BIAS CURRENT TYPICALLY <1nA
INPUT RESISTANCE = 3R = 15M FOR VALUES SHOWN
NEGATIVE COMMON-MODE LIMIT = V – + IB × 2R + 30mV
= 150mV for V – = 0V
I B = 12nA
2R
10M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com