Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1021 Datasheet(PDF) 1 Page - Linear Technology

Part # LT1021
Description  Precision Reference
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1021 Datasheet(HTML) 1 Page - Linear Technology

  LT1021 Datasheet HTML 1Page - Linear Technology LT1021 Datasheet HTML 2Page - Linear Technology LT1021 Datasheet HTML 3Page - Linear Technology LT1021 Datasheet HTML 4Page - Linear Technology LT1021 Datasheet HTML 5Page - Linear Technology LT1021 Datasheet HTML 6Page - Linear Technology LT1021 Datasheet HTML 7Page - Linear Technology LT1021 Datasheet HTML 8Page - Linear Technology LT1021 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
LT1021
Precision Reference
Typical Distribution of Temperature Drift
OUTPUT DRIFT (ppm/
°C)
–5
24
21
18
15
12
9
6
3
– 0
3
1021 TA01
–3
–1
1
5
2
–4
–2
0
4
DISTRIBUTION
OF THREE RUNS
APPLICATI
TYPICAL
Basic Positive and Negative Connections
LT1021
OUT
IN
GND
LT1021
(7 AND 10 ONLY)
OUT
IN
GND
VOUT
–VOUT
VIN
NC
R1 =
VOUT – (V
– )
ILOAD + 1.5mA
–15V
(V –)
R1
1021 TA01
s
Pin Compatible with Most Bandgap Reference
Applications, Including Ref 01, Ref 02, LM368,
MC1400 and MC1404 with Greatly Improved
Stability, Noise and Drift
s
Ultralow Drift: 5ppm/
°C Max Slope
s
Trimmed Output Voltage
s
Operates in Series or Shunt Mode
s
Output Sinks and Sources in Series Mode
s
Very Low Noise: <1ppm P-P (0.1Hz to 10Hz)
s
>100dB Ripple Rejection
s
Minimum Input/Output Differential of 1V
s
100% Noise Tested
S
APPLICATI
s
A/D and D/A Converters
s
Precision Regulators
s
Digital Voltmeters
s
Inertial Navigation Systems
s
Precision Scales
s
Portable Reference Standard
, LTC and LT are registered trademarks of Linear Technology Corporation.
DESCRIPTIO
The LT
®1021 is a precision reference with ultralow drift
and noise, extremely good long term stability and almost
total immunity to input voltage variations. The reference
output will both source and sink up to 10mA. Three
voltages are available: 5V, 7V and 10V. The 7V and 10V
units can be used as shunt regulators (two-terminal zeners)
with the same precision characteristics as the three-
terminal connection. Special care has been taken to mini-
mize thermal regulation effects and temperature
induced hysteresis.
The LT1021 references are based on a buried zener diode
structure that eliminates noise and stability problems
associated with surface breakdown devices. Further, a
subsurface zener exhibits better temperature drift and
time stability than even the best bandgap references.
Unique circuit design makes the LT1021 the first IC
reference to offer ultralow drift without the use of high
power on-chip heaters.
The LT1021-7 uses no resistive divider to set output
voltage, and therefore exhibits the best long term stability
and temperature hysteresis. The LT1021-5 and LT1021-
10 are intended for systems requiring a precise 5V or 10V
reference with an initial tolerance as low as
±0.05%.
S
FEATURE


Similar Part No. - LT1021

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1021 LINER-LT1021 Datasheet
228Kb / 16P
Precision Reference
LT1021 LINER-LT1021 Datasheet
162Kb / 8P
Ultra Precision Reference
LT1021 LINER-LT1021 Datasheet
238Kb / 16P
Precision Reference
LT1021BCH-10 LINER-LT1021BCH-10 Datasheet
228Kb / 16P
Precision Reference
LT1021BCH-10 LINER-LT1021BCH-10 Datasheet
238Kb / 16P
Precision Reference
More results

Similar Description - LT1021

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LM199 LINER-LM199 Datasheet
296Kb / 5P
Precision Reference
LT1021DCS8 LINER-LT1021DCS8 Datasheet
218Kb / 3P
Precision Reference?
LT1021 LINER-LT1021_05 Datasheet
228Kb / 16P
Precision Reference
logo
National Semiconductor ...
LM199 NSC-LM199_05 Datasheet
651Kb / 10P
Precision Reference
LM329 NSC-LM329_08 Datasheet
197Kb / 8P
Precision Reference
logo
Linear Technology
LM199 LINER-LM199_1 Datasheet
141Kb / 8P
Precision Reference
logo
Linear Dimensions Semic...
LT1021DCN8-10 LINEAR_DIMENSIONS-LT1021DCN8-10 Datasheet
238Kb / 16P
Precision Reference
LT1236ACS8-5PBF LINEAR_DIMENSIONS-LT1236ACS8-5PBF Datasheet
230Kb / 12P
Precision Reference
logo
Linear Technology
LM399 LINER-LM399_15 Datasheet
171Kb / 8P
Precision Reference
LT1236 LINER-LT1236_15 Datasheet
230Kb / 12P
Precision Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com