Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SDW81F1DY Datasheet(PDF) 21 Page - Seoul Semiconductor

Part # SDW81F1DY
Description  Enable High Flux and Cost Efficient System
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SDW81F1DY Datasheet(HTML) 21 Page - Seoul Semiconductor

Back Button SDW81F1DY Datasheet HTML 16Page - Seoul Semiconductor SDW81F1DY Datasheet HTML 17Page - Seoul Semiconductor SDW81F1DY Datasheet HTML 18Page - Seoul Semiconductor SDW81F1DY Datasheet HTML 19Page - Seoul Semiconductor SDW81F1DY Datasheet HTML 20Page - Seoul Semiconductor SDW81F1DY Datasheet HTML 21Page - Seoul Semiconductor SDW81F1DY Datasheet HTML 22Page - Seoul Semiconductor SDW81F1DY Datasheet HTML 23Page - Seoul Semiconductor SDW81F1DY Datasheet HTML 24Page - Seoul Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
www.seoulsemicon.com
Product Data Sheet
SDW81F1DY
– Chip on Board
21
Precaution for Use
(1) Storage
To avoid the moisture penetration, we recommend storing Power LEDs in a dry box with a
desiccant.
The recommended storage temperature range is 5℃ to 30℃ and a maximum humidity of 50%.
(2) Use Precaution after Opening the Packaging. Pay attention to the following:
a. Recommend conditions after opening the package
- Sealing
- Temperature : 5 ~ 40℃ Humidity : less than RH30%
b. If the package has been opened more than 4 week or the color of the desiccant changes.
(3) For manual soldering
Seoul Semiconductor recommends the soldering condition
(ZC series product is not adaptable to reflow process)
a. Use lead-free soldering
b. Soldering should be implemented using a soldering equipment at temperature lower than 350°C.
c. Before proceeding the next step, product temperature must be stabilized at room temperature.
(4) Components should not be mounted on warped (non coplanar) portion of PCB.
(5) Radioactive exposure is not considered for the products listed here in.
(6) It is dangerous to drink the liquid or inhale the gas generated by such products when chemically
disposed of.
(7) This device should not be used in any type of fluid such as water, oil, organic solvent and etc.
When washing is required, IPA (Isopropyl Alcohol) should be used.
(8) When the LEDs are in operation the maximum current should be decided after measuring the
package temperature.
(9) LEDs must be stored properly to maintain the device. If the LEDs are stored for 3 months or more
after being shipped from Seoul Semiconductor,
a sealed container with vacuum atmosphere should be used for storage.
(10) The appearance and specifications of the product may be modified for improvement without
notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com