Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1007MH Datasheet(PDF) 13 Page - Linear Technology

Part # LT1007MH
Description  Low Noise, High Speed Precision Operational Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1007MH Datasheet(HTML) 13 Page - Linear Technology

Back Button LT1007MH Datasheet HTML 8Page - Linear Technology LT1007MH Datasheet HTML 9Page - Linear Technology LT1007MH Datasheet HTML 10Page - Linear Technology LT1007MH Datasheet HTML 11Page - Linear Technology LT1007MH Datasheet HTML 12Page - Linear Technology LT1007MH Datasheet HTML 13Page - Linear Technology LT1007MH Datasheet HTML 14Page - Linear Technology LT1007MH Datasheet HTML 15Page - Linear Technology LT1007MH Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
13
LT1007/LT1037
TYPICAL APPLICATIONS
Phono Preamplifier
1007/37 TA06
100
Ω
LT1037
MAG PHONO
INPUT
7
6
4
3
2
7.87k
15V
–15V
OUTPUT
ALL RESISTORS METAL FILM
0.01
µF
0.033
µF
100pF
47k
100k
Tape Head Amplifier
1007/37 TA07
100
Ω
LT1037
TAPE HEAD
INPUT
6
3
2
OUTPUT
ALL RESISTORS METAL FILM
0.01
µF
4.99k
316k
SI
PLIFIED SCHE ATIC
Q1A
Q10
Q6
Q4
Q2B
Q15
Q2A
Q1B
INVERTING
INPUT (–)
C1 = 110pF FOR LT1007
C1 = 12pF FOR LT1037
NONINVERTING
INPUT (+)
3
1
8
7
6
V–
V–
V+
V+
4
V–
1007/37 SD
V +
OUTPUT
Q8
3.4k
3.4k
17k
17k
1.2k
750
Ω
20
Ω
20
Ω
200
Ω
50
Ω
200
Ω
200
Ω
6k
6k
80pF
20pF
C1
1.2k
Q20
130pF
Q17
Q18
Q25
Q24
Q23
Q16
Q12
Q22
Q30
Q28
Q26
Q29
Q27
450
µA
240
µA
500
µA
120
µA
240
µA
750
µA
Q19
Q11
Q13
Q7
2
Q3
Q5
Q9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com