Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STW8C2PA Datasheet(PDF) 3 Page - Seoul Semiconductor

Part # STW8C2PA
Description  Thermally Enhanced Package Design
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

STW8C2PA Datasheet(HTML) 3 Page - Seoul Semiconductor

  STW8C2PA Datasheet HTML 1Page - Seoul Semiconductor STW8C2PA Datasheet HTML 2Page - Seoul Semiconductor STW8C2PA Datasheet HTML 3Page - Seoul Semiconductor STW8C2PA Datasheet HTML 4Page - Seoul Semiconductor STW8C2PA Datasheet HTML 5Page - Seoul Semiconductor STW8C2PA Datasheet HTML 6Page - Seoul Semiconductor STW8C2PA Datasheet HTML 7Page - Seoul Semiconductor STW8C2PA Datasheet HTML 8Page - Seoul Semiconductor STW8C2PA Datasheet HTML 9Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
www.seoulsemicon.com
Product Data Sheet
STW8C2PA
– Mid-Power LED
 “제품 명 – 제품 군” 을 기입하십시오.
제품 군은 홈페이지 응용분야 분류기준을 참고한다.
(예) SZ5M0WWC9 – High-power LED
3
글씨체는 : Arial, 10pt
 Revision numbering 기준:
• 가스펙은 0.0 부터 시작 0.x….
• Final 승인원: 1.0 부터 시작
• 기존에서 일부 수정: +0.1
• 새로운 Data 추가 /또는 기존 것 삭제: +1.0
 수정일자 표기형식; YYYY-MM-DD
(예) 2013-04-01
Rev7.0
Performance Characteristics
 전기적 특성 및 광 특성 스펙 테이블
Table 2. Product Selection Guide, I
F = 200mA , Tj = 25ºC, RH30%
(1) Correlated Color Temperature is derived from the CIE 1931 Chromaticity diagram.
(2) Seoul Semiconductor maintains a tolerance of
7% on Intensity and power measurements.
The luminous intensity IV was measured at the peak of the spatial pattern which may not be
aligned with the mechanical axis of the LED package.
(3) The lumen table is only for reference.
Notes :
Part Number
CCT (K)
[1]
RANK
Luminous Intensity
[2]
Luminous Flux
[3]
CRI
IV (cd)
ФV (lm)
Ra
Typ.
Min
Max
Min
Max
Min.
STW8C2PA
6500
K21
21.5
24
66.7
74.4
80
K24
24
26
74.4
80.6
80
K26
26
28.5
80.6
88.3
80
5600
K21
21.5
24
66.7
74.4
80
K24
24
26
74.4
80.6
80
K26
26
28.5
80.6
88.3
80
5000
K21
21.5
24
66.7
74.4
80
K24
24
26
74.4
80.6
80
K26
26
28.5
80.6
88.3
80
K28
28.5
31.2
88.3
96.7
80
4500
K21
21.5
24
65.6
73.2
80
K24
24
26
73.2
79.3
80
K26
26
28.5
79.3
86.9
80
4000
K21
21.5
24
65.6
73.2
80
K24
24
26
73.2
79.3
80
K26
26
28.5
79.3
86.9
80
K28
28.5
31.2
86.9
95.2
80
3500
K21
21.5
24
64.5
72
80
K24
24
26
72
78
80
K26
26
28.5
78
85.5
80
3000
K21
21.5
24
64.5
72
80
K24
24
26
72
78
80
K26
26
28.5
78
85.5
80
2700
K21
21.5
24
64.5
72
80
K24
24
26
72
78
80
K26
26
28.5
78
85.5
80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com