Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STW9C2SA Datasheet(PDF) 3 Page - Seoul Semiconductor

Part # STW9C2SA
Description  Thermally Enhanced Package Design
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

STW9C2SA Datasheet(HTML) 3 Page - Seoul Semiconductor

  STW9C2SA Datasheet HTML 1Page - Seoul Semiconductor STW9C2SA Datasheet HTML 2Page - Seoul Semiconductor STW9C2SA Datasheet HTML 3Page - Seoul Semiconductor STW9C2SA Datasheet HTML 4Page - Seoul Semiconductor STW9C2SA Datasheet HTML 5Page - Seoul Semiconductor STW9C2SA Datasheet HTML 6Page - Seoul Semiconductor STW9C2SA Datasheet HTML 7Page - Seoul Semiconductor STW9C2SA Datasheet HTML 8Page - Seoul Semiconductor STW9C2SA Datasheet HTML 9Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
Rev2.0
www.seoulsemicon.com
Product Data Sheet
3030
– Mid-Power LED
 “제품 명 – 제품 군” 을 기입하십시오.
제품 군은 홈페이지 응용분야 분류기준을 참고한다.
(예) SZ5M0WWC9 – High-power LED
3
글씨체는 : Arial, 10pt
 Revision numbering 기준:
• 가스펙은 0.0 부터 시작 0.x….
• Final 승인원: 1.0 부터 시작
• 기존에서 일부 수정: +0.1
• 새로운 Data 추가 /또는 기존 것 삭제: +1.0
 수정일자 표기형식; YYYY-MM-DD
(예) 2013-04-01
Performance Characteristics
 전기적 특성 및 광 특성 스펙 테이블
ex) T
a/j
T
opr
등 아래첨자 적용
Table 2. Product Selection Guide, I
F = 100mA , Ta = 25ºC, RH30%
(1) Correlated Color Temperature is derived from the CIE 1931 Chromaticity diagram.
(2) Seoul Semiconductor maintains a tolerance of
7% on Intensity and power measurements.
The luminous intensity Iv was measured at the peak of the spatial pattern which may not be
aligned with the mechanical axis of the LED package.
(3) The lumen table is only for reference.
Notes :
Part Number
CCT (K)
[1]
RANK
Luminous Intensity
[2]
Luminous Flux
[3]
CRI
IV (cd)
ФV (lm)
Ra
Typ.
Min
Max
Min
Max
Min.
STW9C2SA
6500
J19
19.5
21.5
60.5
66.7
90
K21
21.5
24
66.7
74.4
90
5600
J19
19.5
21.5
60.5
66.7
90
K21
21.5
24
66.7
74.4
90
K24
24
26
74.4
80.6
90
5000
J19
19.5
21.5
60.5
66.7
90
K21
21.5
24
66.7
74.4
90
K24
24
26
74.4
80.6
90
4500
J19
19.5
21.5
59.7
65.8
90
K21
21.5
24
65.8
73.4
90
K24
24
26
73.4
79.6
90
4000
J17
17
19.5
51.0
58.5
90
J19
19.5
21.5
58.5
64.5
90
K21
21.5
24
64.5
72.0
90
3500
J17
17
19.5
51.0
58.5
90
J19
19.5
21.5
58.5
64.5
90
K21
21.5
24
64.5
72.0
90
3000
J17
17
19.5
51.0
58.5
90
J19
19.5
21
58.5
63.0
90
K21
21
24
63.0
72.0
90
2700
J17
17
19.5
51.0
58.5
90
J19
19.5
21
58.5
63.0
90
K21
21
24
63.0
72.0
90



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com