Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STW9C2SB Datasheet(PDF) 1 Page - Seoul Semiconductor

Part # STW9C2SB
Description  High Color Quality with CRI Min.90
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

STW9C2SB Datasheet(HTML) 1 Page - Seoul Semiconductor

  STW9C2SB Datasheet HTML 1Page - Seoul Semiconductor STW9C2SB Datasheet HTML 2Page - Seoul Semiconductor STW9C2SB Datasheet HTML 3Page - Seoul Semiconductor STW9C2SB Datasheet HTML 4Page - Seoul Semiconductor STW9C2SB Datasheet HTML 5Page - Seoul Semiconductor STW9C2SB Datasheet HTML 6Page - Seoul Semiconductor STW9C2SB Datasheet HTML 7Page - Seoul Semiconductor STW9C2SB Datasheet HTML 8Page - Seoul Semiconductor STW9C2SB Datasheet HTML 9Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
Product Data Sheet
Product Brief
Description
제품사진
•아래규격에 부합하는 이미지만 가능: 없을 경우 마케팅
팀에 의뢰
•고해상도
•흰 배경
•표준크기: 제품이 가득 차게 가로 5cm 규격 으로
사각 위치에 맞게 (가로세로 비율 고정)
Key Applications
Features and Benefits
Key Message:
- ex) Enabling high flux systems while reduces LED count
- ex) Enabling compact systems with high reliability
- ex) High reliability and High quality of light
- ex) Flicker-free AC/DC LED Solution
- ex) High-efficient Dimming Solution
Product Family:
- ex) Mid-Power LED
- ex) High-Power LED for Automotive
- ex) Chip on Board
Product ID (part number):
- ex) STW8C2SA
- ex) SZ5-M0-WN-C8
Description
•
Features and Benefits
•
Key Applications
•
•표는 반드시
“Table 번호#. 표 설명” 을 제목으로 한다.
www.seoulsemicon.com
1
•Key Applications
•Replacement lamps
•Architectural
•Entertainment
•Retail Display
•Commercial
•Industrial
•Outdoor area
•Off-grid
•Residential
•Consumer portable
•Safety & Security
•Strings & Strips
•Automotive Exterior Lighting
•Automotive Interior Lighting
STW9C2SB
– Mid-Power LED
Rev2.0
•
Replacement lamps
– Bulb, Tube
•
Commercial
•
Industrial
•
Residential
Table 1. Product Selection Table
TV, PC, NB,
MNT, Mobile
Automotive
Lighting, MR16, PAR,
down light
Bulb, LFT
Outdoor, streetlight,
tunnel, parking
Home appliance
Architectural,
Entertainment
Sign, Channel
Sensor, Torch
Application 응용제품 아이콘 삽입
•
This White Colored surface-mount LED
comes in standard package dimension.
Package Size : 3.0x3.0x0.6mm
•
It has a substrate made up of a molded
plastic reflector sitting on top of a lead
frame.
•
The die is attached within the reflector
cavity and the cavity is encapsulated by
silicone.
•
The package design coupled with
careful selection of component
materials allow these products to
perform with high reliability.
•
High Color Quality with CRI Min.90(R9>50)
•
Thermally Enhanced Package Design
•
Mid Power to High Power up to 1.4W
•
Max. Driving Current 200mA
•
Compact Package Size
•
Pb-free Reflow Soldering Application
Achieving the best system cost in Mid/High Power
STW9C2SB (Cool, Neutral, Warm)
Mid-Power LED
– 3030 Series
RoHS
Part Number
CCT
Color
Min.
Typ.
Max.
STW9C2SB
Cool White
4700K
5600K
7000K
STW9C2SB
Neutral White
3700K
4200K
4700K
STW9C2SB
Warm White
2600K
3000K
3700K


Similar Part No. - STW9C2SB

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
STW9C2SB-NZ SEOUL-STW9C2SB-NZ Datasheet
1Mb / 30P
Thermally Enhanced Package Design
More results

Similar Description - STW9C2SB

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
XBD MARKTECH-XBD Datasheet
582Kb / 2P
80-min CRI White and 70-min CRI Cool White
logo
List of Unclassifed Man...
800288 ETC2-800288 Datasheet
77Kb / 1P
Consistent High Quality
logo
Assmann Electronics Inc...
AK-AV504-R ASSMANN-AK-AV504-R Datasheet
272Kb / 1P
HIGH QUALITY STEREO
logo
Seoul Semiconductor
SAW8A32E SEOUL-SAW8A32E Datasheet
1Mb / 31P
High Color Quality, CRI Min. 80
SAW8C22B-IZ SEOUL-SAW8C22B-IZ Datasheet
1Mb / 31P
High Color Quality with CRI Min.80(R9>0)
logo
OSA Opto Light GmbH
OCL-400SW OSA-OCL-400SW Datasheet
238Kb / 7P
White ??high CRI
logo
Cree, Inc
XP-G CREE-XP-G Datasheet
2Mb / 28P
Available in white, outdoor white and 80-CRI, 85-CRI and 90-CRI white
logo
Asahi Kasei Microsystem...
AK4377 AKM-AK4377 Datasheet
277Kb / 5P
High Sound Quality Advanced DAC with HP
logo
Sony Corporation
IMX377CQT SONY-IMX377CQT Datasheet
359Kb / 4P
High image quality
IMX377EQH5 SONY-IMX377EQH5 Datasheet
367Kb / 4P
High image quality
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com