Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1030CS Datasheet(PDF) 1 Page - Linear Technology

Part # LT1030CS
Description  Quad Low Power Line Driver
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1030CS Datasheet(HTML) 1 Page - Linear Technology

  LT1030CS Datasheet HTML 1Page - Linear Technology LT1030CS Datasheet HTML 2Page - Linear Technology LT1030CS Datasheet HTML 3Page - Linear Technology LT1030CS Datasheet HTML 4Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
LT1030
s
Low Operating Voltage
±5V to ±15V
s
Supply Current: 500
µA
s
Zero Supply Current When Shut Down
s
Outputs Can Be Driven
±30V
s
Output “Open” When Off (Three-State)
s
Output Drive: 10mA
s
Pinout Similar to 1488*
s
Output of Several Devices Can Be Paralleled
The LT
® 1030 is an RS232 line driver that operates over a
±5V to ±15V range on low supply current and can be shut
down to zero supply current. Outputs are fully protected
from externally applied voltages of
±30V by current limit-
ing. Since the output swings to within 200mV of the
positive supply and 1V of the negative supply, power
supply needs are minimized.
A major advantage of the LT1030 is the high impedance
output state when off or powered down, which allows
several different drivers on the same bus.
Our RS232 product line includes other high performance
devices. The LT1039 is a triple low power driver/receiver
with shutdown that can be powered from a 5V supply. The
LT1080 is a 5V powered dual driver/receiver with on-chip
±9V power generator and shutdown.
Quad Low Power
Line Driver
FEATURES
DESCRIPTION
, LTC and LT are registered trademarks of Linear Technology Corporation.
s
RS232 Driver
s
Micropower Interface
s
Level Translator
APPLICATIONS
*Check compatability (some pins may be different).
RS232 Line Driver
Output Swing vs Output Current
OUTPUT CURRENT (mA)
0
V+
–0.2
–0.4
1.2
1.0
0.8
0.6
0.4
0.2
V –
4
LT1030 • TA02
1
2
3
5
OUTPUT HIGH
OUTPUT LOW
1
2
3
4
5
6
7
14
13
12
11
10
9
8
– 6V
INPUT
OUTPUT
ON/OFF
(0V TO 5V)
†
INPUT
OUTPUT
GND
6V
STROBE*
INPUT
OUTPUT
NC
INPUT
OUTPUT
*NO CONNECTION NEEDED WHEN NOT USED
† 5V = ON
LT1030 • TA01
LT1030
TYPICAL APPLICATIONS


Similar Part No. - LT1030CS

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1030CS LINER-LT1030CS Datasheet
124Kb / 2P
Quad Low Power Line Driver?
More results

Similar Description - LT1030CS

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS1488 NSC-DS1488 Datasheet
161Kb / 6P
Quad Line Driver
logo
Fairchild Semiconductor
100313 FAIRCHILD-100313 Datasheet
82Kb / 8P
Low Power Quad Driver
100316 FAIRCHILD-100316 Datasheet
56Kb / 6P
Low Power Quad Differential Line Driver with Cut-Off
logo
Linear Technology
LT1030CS LINER-LT1030CS Datasheet
124Kb / 2P
Quad Low Power Line Driver?
LT1032 LINER-LT1032 Datasheet
184Kb / 8P
Quad Low Power Line Driver
LT1032 LINER-LT1032_02 Datasheet
205Kb / 12P
Quad Low Power Line Driver
LT1030 LINER-LT1030_15 Datasheet
196Kb / 4P
Quad Low Power Line Driver
LT1032 LINER-LT1032_15 Datasheet
214Kb / 12P
Quad Low Power Line Driver
logo
Motorola, Inc
MC14C88B MOTOROLA-MC14C88B Datasheet
119Kb / 8P
QUAD LOW POWER LINE DRIVER
logo
ARTSCHIP ELECTRONICS CO...
MC1488 ARTSCHIP-MC1488 Datasheet
377Kb / 7P
Quad Line Driver
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com