Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAS85L0G Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # BAS85L0G
Description  Hermetically Sealed Glass Fast Switching Schottky Barrier Diodes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BAS85L0G Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  BAS85L0G Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BAS85L0G Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd BAS85L0G Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Small Signal Product
CREAT BY ART
- Low forward voltage drop
- Ideal for automated placement
- Hermetically sealed glass
- Compression bonded construction
- All external surfaces are corrosion
resistant and leads are readily solderable
- Solder hot dip tin (Sn) lead finish
- Polarity: Indicated by black cathode band
SYMBOL
UNIT
PD
mW
VRRM
V
VR
V
IF(AV)
mA
IFSM
A
TJ
oC
TSTG
oC
SYMBOL
UNIT
Breakdown Voltage
BV
V
Reverse Leakage Current
IR
μA
Forward Voltage
Reverse Recovery Time
trr
ns
Junction Capacitance
CJ
pF
Document Number: DS_S1412007
Version: C14
Storage Temperature Range
PARAMETER
VALUE
BAS85
Taiwan Semiconductor
Hermetically Sealed Glass Fast Switching Schottky Barrier Diodes
FEATURES
MINI MELF
4
125
Power Dissipation
Repetitive Peak Reverse Voltage
Maximum DC Blocking Voltage
200
Peak Forward Surge Current
Operating Junction Temperature
MIN
TYP
MAX
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (TA=25℃ unless otherwise noted)
-65 to +125
30
30
200
30
2
0.24
V
0.32
0.40
0.50
IF=30mA
IF=100mA
(Note 1)
10
Note 1: Reverse recovery test conditions : IF=IR=10mA, RL=100Ω, IRR=1mA
0.80
5
MECHANICAL DATA
VR=1V,
f=1.0MHz
VF
PARAMETER
IR=10μA
VR=25V
IF=0.1mA
IF=1.0mA
IF=10mA
Average Forward Rectified Current


Similar Part No. - BAS85L0G

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAS85 PHILIPS-BAS85 Datasheet
25Kb / 5P
Schottky barrier diode
1996 Oct 01
logo
Vishay Siliconix
BAS85 VISHAY-BAS85 Datasheet
51Kb / 4P
Schottky Barrier Diode
01-Apr-99
logo
Diodes Incorporated
BAS85 DIODES-BAS85 Datasheet
47Kb / 1P
SILICON SCHOTTKY BARRIER DIODE
DS30189 Rev. A-5
logo
General Semiconductor
BAS85 GE-BAS85 Datasheet
42Kb / 2P
Schottky Diodes
logo
Tak Cheong Electronics ...
BAS85 TAK_CHEONG-BAS85 Datasheet
311Kb / 3P
200 mW LL-34 Hermetically Sealed Glass Fast Switching Schottky Barrier Diode
More results

Similar Description - BAS85L0G

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
LS4448 TSC-LS4448 Datasheet
91Kb / 2P
500mW Hermetically Sealed Glass Fast Switching Diodes
BAS85 TSC-BAS85 Datasheet
51Kb / 1P
200mW Hermetically Sealed Glass Fast Switching Schottky Barrier Diodes
logo
SeCoS Halbleitertechnol...
LS4148 SECOS-LS4148_11 Datasheet
92Kb / 1P
Hermetically Sealed Glass Fast Switching Diodes
LS4448 SECOS-LS4448 Datasheet
93Kb / 1P
Hermetically Sealed Glass Fast Switching Diodes
LL4151 SECOS-LL4151_15 Datasheet
53Kb / 1P
Hermetically Sealed Glass Fast Switching Diodes
LS4148 SECOS-LS4148_15 Datasheet
92Kb / 1P
Hermetically Sealed Glass Fast Switching Diodes
LS4448 SECOS-LS4448_15 Datasheet
231Kb / 2P
Hermetically Sealed Glass Fast Switching Diodes
logo
Taiwan Semiconductor Co...
BAT42 TSC-BAT42_14 Datasheet
195Kb / 4P
Hermetically Sealed Glass Fast Switching Schottky Barrier Diode
LL4148L TSC-LL4148L_15 Datasheet
223Kb / 5P
500mW Hermetically Sealed Glass Fast Switching Diodes
logo
SeCoS Halbleitertechnol...
LL4148 SECOS-LL4148_18 Datasheet
182Kb / 2P
Hermetically Sealed Glass Fast Switching Diodes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com