Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAT42WS Datasheet(PDF) 4 Page - Taiwan Semiconductor Company, Ltd

Part # BAT42WS
Description  Surface Mount, Switching Schottky Barrier Diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BAT42WS Datasheet(HTML) 4 Page - Taiwan Semiconductor Company, Ltd

  BAT42WS Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BAT42WS Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd BAT42WS Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd BAT42WS Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd BAT42WS Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Small Signal Product
PACKAGE OUTLINE DIMENSIONS
Min
Max
Min
Max
A
1.40
1.80
0.055
0.071
B
3.55
3.85
0.140
0.152
C
0.45
0.70
0.018
0.028
D
2.55
2.85
0.100
0.112
E
0.95
1.35
0.037
0.053
F
0.05
0.15
0.002
0.006
G
H
-
0.10
-
0.004
SUGGEST PAD LAYOUT
A
B
C
D
MARKING
Part No.
Marking
BAT42W
S7
BAT43W
S8
Document Number: DS_S1412009
Version: E14
1.22
0.048
2.36
0.093
4.19
0.165
0.91
0.036
DIM.
Unit (mm)
Unit (inch)
Typ.
Typ.
BAT42W/BAT43W
Taiwan Semiconductor
DIM.
Unit (mm)
Unit (inch)
0.50 REF
0.02 REF
B
A
E
D
C
F
G
H



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com