Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R2000F Datasheet(PDF) 1 Page - Leshan Radio Company

Part # R2000F
Description  Fast Switching High
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

R2000F Datasheet(HTML) 1 Page - Leshan Radio Company

  R2000F_15 Datasheet HTML 1Page - Leshan Radio Company R2000F_15 Datasheet HTML 2Page - Leshan Radio Company R2000F_15 Datasheet HTML 3Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1.FEATURES
* Plastic package has Underwriters Laboratory
Flammability Classification 94V-0
* Low leakage
* Low forward voltage drop
* High current capability
* Easily cleaned with Freon,Alcohol
and similar solvents
* High temperature metallurgically
bonded construction
* Diffused junction
* Capable of meeting environmental standards
of MIL-S-19500
* High temperature soldering guaranteed:
260°C/10 seconds
2.Mechanical Data
Case
: JEDEC DO-41, molded plastic body
Terminals
: Plated axial leads, solderable per
MIL-STD-750, Method 2026
Polarity
: Color band denotes cathode end
Mounting Position
: Any
Weight
: 0.012 oz., 0.34 g
Handling precautin
:None
3.Maximum Ratings & Thermal Characteristics Ratings at 25°C ambient temperature unless otherwise specified.
Parameter Symbol
symbol
R
1200F
R
1500F
R
1800F
R
2000F
Unit
Maximum repetitive peak reverse voltage
VRRM
1200
1500
1800
2000
V
Maximum RMS voltage
VRMS
840
1050
1260
1400
V
Maximum DC blocking voltage
VDC
1200
1500
1800
2000
V
Maximum average forward rectified current
0.375" (9.5mm) lead length at TA = 75°C
IF(AV)
A
Peak forward surge current 8.3ms single half
sine-wave superimposed on rated load (JEDEC
Method)
IFSM
A
Typical thermal resistance (Note 2)
RθJA
°C/W
Operating junction and storage temperature range TJ, TSTG
°C
Electrical Characteristics Ratings at 25°C ambient temperature unless otherwise specified.
Parameter Symbol
symbol
R
1200F
R
1500F
R
1800F
R
2000F
Unit
Maximum instantaneous forward voltage at IF(AV)
VF
V
Maximum DC reverse current TA = 25°C
at rated DC blocking voltage TA = 100°C
IR
µA
Typical reverse recovery time (Note 1)
trr
ns
Typical junction capacitance at 4.0V, 1MHz
CJ
PF
NOTES:
1. IF = 0.5A, IR = 1.0A, IRR = 0.25A
2. Thermal resistance from junction to ambient at 0.375” (9.5mm) lead length, P.C.B. mounted
–50 to +150
55
2.0
15
5.0
100
500
0.2
25
R1200F thru R2000F
Reverse Voltage 1200 to 2000V
Forward Current 0.2A
Fast Switching High
Voltage Rectifiers
LESHAN RADIO COMPANY, LTD.
1/3
We declare that the material of product
compliance with RoHS requirements.


Similar Part No. - R2000F_15

ManufacturerPart #DatasheetDescription
logo
GETAI ELECTRONICS DEVIC...
R2000F GETEDZ-R2000F_16 Datasheet
293Kb / 2P
200mA 2.0kV 500nS-HIGH VOLTAGE DIODE
More results

Similar Description - R2000F_15

ManufacturerPart #DatasheetDescription
logo
Seme LAB
BUX98A SEME-LAB-BUX98A Datasheet
18Kb / 2P
HIGH VOLTAGE FAST SWITCHING
logo
Toshiba Semiconductor
GT15J321 TOSHIBA-GT15J321 Datasheet
311Kb / 7P
High Power Switching Applications Fast Switching Applications
logo
STMicroelectronics
BULD742C STMICROELECTRONICS-BULD742C Datasheet
316Kb / 12P
High voltage fast-switching
09-Aug-2007
BUL742CFP STMICROELECTRONICS-BUL742CFP Datasheet
249Kb / 11P
High voltage fast-switching
10-Aug-2007
logo
Comset Semiconductor
BUX98 COMSET-BUX98 Datasheet
130Kb / 3P
HIGH VOLTAGE FAST SWITCHING
BUX98 COMSET-BUX98_12 Datasheet
79Kb / 3P
HIGH VOLTAGE FAST SWITCHING
logo
Toshiba Semiconductor
GT30J126 TOSHIBA-GT30J126 Datasheet
194Kb / 6P
High Power Switching Applications Fast Switching Applications
logo
Leshan Radio Company
R1500F LRC-R1500F_15 Datasheet
207Kb / 7P
Fast Switching High
R1800F LRC-R1800F_15 Datasheet
207Kb / 7P
Fast Switching High
logo
AiT Semiconductor Inc.
1N4148WT AITSEMI-1N4148WT Datasheet
283Kb / 5P
SWITCHING DIODE HIGH CONDUCTANCE FAST SWITCHING DIODE
REV1.0
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com