Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAT54T Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # BAT54T
Description  200mW Surface Mount Schottky Barrier Diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BAT54T Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  BAT54T Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BAT54T Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd BAT54T Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd BAT54T Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd BAT54T Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
- Fast switching speed
- Low forward voltage drop
- Surface mount device type
- Moisture sensitivity level 1
- Matte Tin (Sn) lead finish with Nickel (Ni) underplate
- Pb free and RoHS compliant
- Case: SOT-363 small outline plastic package
- Polarity: Indicated by cathode band
- Weight: 0.006 gram (approximately)
- Marking Code: KLA, KL6, KL7, KL8, KLB
SYMBOL
UNIT
VRRM
VRWM
VR
IF
mA
IFRM
mA
IFSM
mA
PD
mW
RθJA
°C/W
Tj , TSTG
oC
SYMBOL
UNIT
V(BR)
V
IR
µA
CT
pF
trr
nS
Document Number: DS_S1404008
BAT54T/AD/CD/SD/BR
Taiwan Semiconductor
Small Signal Product
200mW Surface Mount Schottky Barrier Diode
FEATURES
- Green compound (Halogen free) with suffix "G" on
packing code and prefix "G" on date code
SOT-363
MECHANICAL DATA
- Terminal: Matte tin plated, lead free,
solderable per MIL-STD-202, Method 208 guaranteed
- High temperature soldering guaranteed: 260°C/10s
Forward Continuous Current
Repetitive Peak Forward Current
PARAMETER
10
--
Reverse Current
1.00
0.32
Reverse Breakdown Voltage
Forward Voltage
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (TA=25℃ unless otherwise noted)
PARAMETER
VALUE
Peak Repetitive Peak Reverse Voltage
V
DC Reverse Voltage
Working Peak Reverse Voltage
300
200
30
--
MIN
MAX
600
-55 to 125
625
200
2.0
0.40
0.50
Forward Surge Current @ t < 1.0 s
Power Dissipation
Thermal Resistance, Junction to Ambient Air
VR=25V
VR=1V, f=1.0MHz
IF=IR=10mA, RL=100Ω, IRR=1mA
Operating and Storage temperature
Version: E14
5.0
30
--
--
--
--
--
Total Capacitance
Reverse Recovery Time
--
IR=100µA
IF=1mA
IF=10mA
IF=30mA
IF=100mA
VF
V


Similar Part No. - BAT54T

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BAT54T DIODES-BAT54T Datasheet
176Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30259 Rev. 3 - 2
logo
Weitron Technology
BAT54T WEITRON-BAT54T Datasheet
491Kb / 3P
Surface Mount Schottky Diodes
logo
Diodes Incorporated
BAT54T DIODES-BAT54T Datasheet
362Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30259 Rev. 8 - 2
logo
Galaxy Semi-Conductor H...
BAT54T BILIN-BAT54T Datasheet
179Kb / 3P
Schottky Barrier Diode
logo
Guangdong Kexin Industr...
BAT54T KEXIN-BAT54T Datasheet
35Kb / 1P
Switching Diode
More results

Similar Description - BAT54T

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
BAT43W TSC-BAT43W Datasheet
162Kb / 2P
200mW Surface Mount Schottky Barrier Diode
logo
Micro Commercial Compon...
BAS70TW MCC-BAS70TW Datasheet
196Kb / 3P
200mW SCHOTTKY BARRIER Diode
BAS70WX MCC-BAS70WX Datasheet
175Kb / 2P
Surface Mount Schottky Barrier Diode 200mW
logo
Taiwan Semiconductor Co...
BAT42W TSC-BAT42W_08 Datasheet
162Kb / 2P
200mW Surface Mount Schottky Barrier Diode
logo
Shenzhen Luguang Electr...
BAS70 LUGUANG-BAS70 Datasheet
159Kb / 2P
200mW Surface Mount Schottky Barrier Diode
BAT54 LUGUANG-BAT54 Datasheet
187Kb / 2P
200mW Surface Mount Schottky Barrier Diode
logo
Taiwan Semiconductor Co...
BAT54T-G TSC-BAT54T-G Datasheet
393Kb / 4P
200mW Surface Mount Schottky Barrier Diode
BAT54W TSC-BAT54W_14 Datasheet
130Kb / 5P
200mW Surface Mount Schottky Barrier Diode
logo
Micro Commercial Compon...
BAS70WX MCC-BAS70WX_13 Datasheet
206Kb / 2P
Surface Mount Schottky Barrier Diode 200mW
logo
Shanghai Shunye Electro...
RB521S-30 SHUNYE-RB521S-30 Datasheet
355Kb / 3P
200mW SOD-523 SURFACE MOUNT Schottky Barrier Diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com