Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1074 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1074
Description  Step-Down Switching Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1074 Datasheet(HTML) 2 Page - Linear Technology

  LT1074 Datasheet HTML 1Page - Linear Technology LT1074 Datasheet HTML 2Page - Linear Technology LT1074 Datasheet HTML 3Page - Linear Technology LT1074 Datasheet HTML 4Page - Linear Technology LT1074 Datasheet HTML 5Page - Linear Technology LT1074 Datasheet HTML 6Page - Linear Technology LT1074 Datasheet HTML 7Page - Linear Technology LT1074 Datasheet HTML 8Page - Linear Technology LT1074 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
LT1074/LT1076
2
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
(Note 1)
*Assumes package is soldered to 0.5 IN2 of 1 oz. copper over internal ground plane or over back side plane.
LT1076CQ
LT1076IQ
LT1076CR
LT1076IR
LT1076HVCR
LT1076HVIR
LT1074CT7
LT1074HVCT7
LT1074IT7
LT1074HVIT7
LT1076CT7
LT1076HVCT7
LT1074CT
LT1074HVCT
LT1074IT
LT1074HVIT
LT1076CT
LT1076HVCT
LT1076IT
LT1076HVIT
LT1074CK
LT1074HVCK
LT1074MK
LT1074HVMK
LT1076CK
LT1076HVCK
LT1076MK
LT1076HVMK
Input Voltage
LT1074/ LT1076 .................................................. 45V
LT1074HV/LT1076HV ......................................... 64V
Switch Voltage with Respect to Input Voltage
LT1074/ LT1076 .................................................. 64V
LT1074HV/LT1076HV ......................................... 75V
Switch Voltage with Respect to Ground Pin (VSWNegative)
LT1074/LT1076 (Note 7) ..................................... 35V
LT1074HV/LT1076HV (Note 7) ........................... 45V
Feedback Pin Voltage ..................................... –2V, +10V
Shutdown Pin Voltage (Not to Exceed VIN) .............. 40V
ILIM Pin Voltage (Forced) ............................................ 5.5V
Maximum Operating Ambient Temperature Range
Commercial ................................................. 0
°C to 70°C
Industrial ................................................ –40
°C to 85°C
Military ................................................. –55
°C to 125°C
Maximum Operating Junction Temperature Range
Commercial ............................................... 0
°C to 125°C
Industrial .............................................. –40
°C to 125°C
Military ................................................. – 55
°C to 150°C
Maximum Storage Temperature ............... –65
°C to 150°C
Lead Temperature (Soldering, 10 sec) ...................... 300
°C
ORDER PART
NUMBER
ORDER PART
NUMBER
LT1076:
θJC = 4°C, θJA = 30°C/W
LT1076:
θJC = 4°C, θJA = 30°C/W
LT1074:
θJC = 2.5°C, θJA = 50°C/W
LT1076:
θJC = 4°C, θJA = 50°C/W
LT1074:
θJC = 2.5°C, θJA = 35°C/W
LT1076:
θJC = 4°C, θJA = 35°C/W
LT1074:
θJC = 2.5°C, θJA = 50°C/W
LT1076:
θJC = 4°C, θJA = 50°C/W
Q PACKAGE
5-LEAD PLASTIC DD
FRONT VIEW
VIN
VSW
GND
VC
FB/SENSE
5
4
3
2
1
R PACKAGE
7-LEAD PLASTIC DD
FRONT VIEW
SHDN
VC
FB/SENSE
GND
ILIM
VSW
VIN
7
6
5
4
3
2
1
2
4
1
3
VC
VIN
VSW
CASE
IS GND
FB
K PACKAGE
4-LEAD TO-3 METAL CAN
BOTTOM VIEW
T PACKAGE
5-LEAD PLASTIC TO-220
LEADS ARE FORMED STANDARD FOR
STRAIGHT LEADS, ORDER FLOW 06
VIN
VSW
GND
VC
FB
FRONT VIEW
5
4
3
2
1
T7 PACKAGE
7-LEAD PLASTIC TO-220
SHDN
VC
FB
GND
ILIM
VSW
VIN
FRONT VIEW
7
6
5
4
3
2
1
TAB IS
GND
TAB IS
GND
TAB IS
GND
TAB IS
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com