Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1028CS8 Datasheet(PDF) 7 Page - Linear Technology

Part # LT1028CS8
Description  Ultra Low Noise Precision High Speed Op Amps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1028CS8 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT1028CS8 Datasheet HTML 3Page - Linear Technology LT1028CS8 Datasheet HTML 4Page - Linear Technology LT1028CS8 Datasheet HTML 5Page - Linear Technology LT1028CS8 Datasheet HTML 6Page - Linear Technology LT1028CS8 Datasheet HTML 7Page - Linear Technology LT1028CS8 Datasheet HTML 8Page - Linear Technology LT1028CS8 Datasheet HTML 9Page - Linear Technology LT1028CS8 Datasheet HTML 10Page - Linear Technology LT1028CS8 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
7
LT1028/LT1128
CC
HARA TERISTICS
A
TYPICALPERFOR
CE
Gain Error vs Frequency
Closed-Loop Gain = 1000
LT1128
Gain Phase vs Frequency
LT1028
Gain, Phase vs Frequency
Voltage Gain vs Frequency
Voltage Gain vs Supply Voltage
Voltage Gain vs Load Resistance
LOAD RESISTANCE (k
Ω)
0.1
1
10
100
110
LT1028/1128 • TPC26
VS = ±15V
TA = –55°C
TA = 25°C
TA = 125°C
ILMAX = 35mA AT –55°C
= 27mA AT 25°C
= 16mA AT 125°C
FREQUENCY (Hz)
10k
5
20
25
30
100k
1M
10M
LT1028/1128 • TPC27
15
10
LT1128
LT1028
VS = ±15V
TA = 25°C
RL = 2k
Maximum Undistorted Output
vs Frequency
LT1128
Capacitance Load Handling
FREQUENCY (Hz)
10
20
40
50
70
10k
1M
10M
100M
LT1028/1128 • TPC20
–10
100k
60
30
0
VS = ±15V
TA = 25°C
CL = 10pF
GAIN
PHASE
10
20
40
50
70
–10
60
30
0
LT1028
Capacitance Load Handling
FREQUENCY (Hz)
0.01
–20
160
LT1028/1128 • TPC19
140
120
100
80
60
40
20
0
0.1
1
10 100 1k 10k 100k 1M 10M 100M
LT1128
LT1028
VS = ±15V
TA = 25°C
RL = 2k
CAPACITIVE LOAD (pF)
10
40
50
60
70
80
100
1000
10000
LT1028/1128 • TPC 24
30
20
10
0
VS = ±15V
TA = 25°C
VO = 10mVP-P
AV = –1, RS = 2k
CL
2k
30pF
RS
AV = –10
RS = 200Ω
AV = –100, RS = 20Ω
FREQUENCY (Hz)
10
20
40
50
70
10k
1M
10M
100M
LT1028/1128 • TPC23
–10
100k
60
30
0
VS = ±15V
TA = 25°C
CL = 10pF
GAIN
PHASE
10
20
40
50
70
–10
60
30
0
FREQUENCY (Hz)
0.1
0.001
0.01
0.1
1
1
100
LT1028/1128 • TPC22
LT1128
LT1028
TYPICAL
PRECISION
OP AMP
GAIN ERROR = CLOSED-LOOP GAIN
OPEN-LOOP GAIN
10
SUPPLY VOLTAGE (V)
±5
1
10
100
±10
±15
LT`1028/1128 • TPC25
0
±20
TA = 25°C
RL = 2k
RL = 600Ω
CAPACITIVE LOAD (pF)
10
40
50
60
70
80
100
1000
10000
LT1028/1128 • TPC21
30
20
10
0
VS = ±15V
TA = 25°C
CL
2k
30pF
RS
AV = –1, RS = 2k
AV = –100
RS = 20Ω
AV = –10
RS = 200Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com