Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1078AM Datasheet(PDF) 5 Page - Linear Technology

Part # LT1078AM
Description  Micropower, Dual and Quad, Single Supply, Precision Op Amps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1078AM Datasheet(HTML) 5 Page - Linear Technology

  LT1078AM Datasheet HTML 1Page - Linear Technology LT1078AM Datasheet HTML 2Page - Linear Technology LT1078AM Datasheet HTML 3Page - Linear Technology LT1078AM Datasheet HTML 4Page - Linear Technology LT1078AM Datasheet HTML 5Page - Linear Technology LT1078AM Datasheet HTML 6Page - Linear Technology LT1078AM Datasheet HTML 7Page - Linear Technology LT1078AM Datasheet HTML 8Page - Linear Technology LT1078AM Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
5
LT1078/LT1079
ELECTRICAL CHARACTERISTICS VS = ±15V, TA = 25°C, unless otherwise noted.
LT1078C/LT1079C
LT1078I/LT1079I
LT1078AC/LT1079AC
LT1078M/LT1079M
LT1078AM/LT1079AM
LT1078S8/LT1079SW
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
(Including LT1078IS8/LT1078S8)
50
250
70
350
µV
LT1079ISW/LT1079SW
80
500
µV
IOS
Input Offset Current
0.05
0.25
0.05
0.35
nA
IB
Input Bias Current
6
8
6
10
nA
Input Voltage Range
13.5
13.8
13.5
13.8
V
–15.0
–15.3
–15.0
–15.3
V
CMRR
Common Mode Rejection Ratio
VCM = 13.5V, –15V
100
114
97
114
dB
PSRR
Power Supply Rejection Ratio
VS = 5V, 0V to ±18V
102
114
100
114
dB
AVOL
Large-Signal Voltage Gain
VO = ±10V, RL = 50k
1000
5000
1000
5000
V/mV
VO = ±10V, RL = 2k
400
1100
300
1100
V/mV
VOUT
Maximum Output Voltage
RL = 50k
±13.0
±14.0
±13.0
±14.0
V
Swing
RL = 2k
±11.0
±13.2
±11.0
±13.2
V
SR
Slew Rate
0.06
0.10
0.06
0.10
V/
µs
IS
Supply Current per Amplifier
46
65
47
75
µA
VS = ±15V, –40°C ≤ TA ≤ 85°C for I grades, – 55°C ≤ TA ≤ 125°C for AM/M grades unless otherwise noted.
LT1078I/LT1079I
LT1078AM/LT1079AM
LT1078M/LT1079M
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
(Including LT1078IS8)
q
90
430
120
600
µV
LT1079ISW
q
130
825
µV
∆VOS
Input Offset Voltage Drift
q
0.5
1.8
0.6
2.5
µV/°C
∆T
(Note 5)
LT1078IS8
q
0.7
3.8
µV/°C
LT1079ISW
q
0.8
5.0
µV/°C
IOS
Input Offset Current
q
0.07
0.50
0.07
0.70
nA
LT1078I/LT1079I
q
0.1
1.0
nA
IB
Input Bias Current
q
710
7
12
nA
AVOL
Large-Signal Voltage Gain
VO = ±10V, RL = 5k
q
200
700
150
700
V/mV
CMRR
Common Mode Rejection Ratio
VCM = 13V, –14.9V
q
94
110
90
110
dB
PSRR
Power Supply Rejection Ratio
VS = 5V, 0V to ±18V
q
98
110
94
110
dB
Maximum Output Voltage Swing RL = 5k
q
±11.0
±13.5
±11.0
±13.5
V
IS
Supply Current per Amplifier
q
52
80
54
95
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com