Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1083 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1083
Description  3A, 5A, 7.5A Low Dropout Positive Fixed Regulators
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1083 Datasheet(HTML) 2 Page - Linear Technology

  LT1083 Datasheet HTML 1Page - Linear Technology LT1083 Datasheet HTML 2Page - Linear Technology LT1083 Datasheet HTML 3Page - Linear Technology LT1083 Datasheet HTML 4Page - Linear Technology LT1083 Datasheet HTML 5Page - Linear Technology LT1083 Datasheet HTML 6Page - Linear Technology LT1083 Datasheet HTML 7Page - Linear Technology LT1083 Datasheet HTML 8Page - Linear Technology LT1083 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
LT1083/84/85 Fixed
Power Dissipation ............................... Internally Limited
Input Voltage (Note 1) ............................................. 30V
Operating Input Voltage
3.3V, 3.6V Devices ............................................ 20V
5V Devices ........................................................ 20V
12V Devices ...................................................... 25V
Operating Junction Temperature Range
“C” Grades
Control Section ............................... 0
°C to 125°C
Power Transistor ............................. 0
°C to 150°C
“M” Grades
Control Section ........................... –55
°C to 150°C
Power Transistor ......................... –55
°C to 200°C
Storage Temperature Range ................. – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
ABSOLUTE MAXIMUM RATINGS
100% Thermal Limit Functional Test.
PRECONDITIONING
Note 1: Although the devices maximum operating voltage is limited, (20V
for a 3V, 5V device, and 25V for a 12V device) the devices are guaranteed
to withstand transient input voltages up to 30V. For input voltages greater
than the maximum operating input voltage some degradation of
specifications will occur. For input/output voltage differentials greater than
15V, a minimum external load of 5mA is required to maintain regulation.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Output Voltage
LT1084-3.3
IOUT = 0mA, TJ = 25°C, VIN = 8V (K Package Only)
3.270
3.300
3.330
V
0
≤ IOUT ≤ 5A, 4.8V ≤ VIN ≤ 15V (Note 8)
q
3.235
3.300
3.365
V
LT1085-3.3
VIN = 5V, IOUT = 0mA, TJ = 25°C (K Package Only)
3.270
3.300
3.330
V
4.8V
≤ VIN ≤ 15V, 0 ≤ IOUT ≤ 3A (Note 8)
q
3.235
3.300
3.365
V
LT1085-3.6
VIN = 5V, IOUT = 0mA, TJ = 25°C (K Package Only)
3.564
3.600
3.636
V
5V
≤ VIN ≤ 15V, 0 ≤ IOUT ≤ 3A (Note 8)
q
3.500
3.672
V
5V
≤ VIN ≤ 15V, 0 ≤ IOUT ≤ 3A, TJ ≥ 0°C (Note 8)
3.528
3.672
V
ELECTRICAL CHARACTERISTICS
PACKAGE/ORDER INFORMATION
ORDER PART NUMBER
ORDER PART NUMBER
LT1083CP-5
LT1083CP-12
LT1084CP-5
LT1084CP-12
LT1083CK-5
LT1083CK-12
LT1083MK-5
LT1083MK-12
LT1084CK-5
LT1084CK-12
LT1084MK-5
LT1084MK-12
LT1085CK-5
LT1085CK-12
LT1085MK-5
LT1085MK-12
θJA = 35°C/W
θJA = 45°C/W
θJA = 50°C/W
1
2
VIN
CASE IS
OUTPUT
GND
K PACKAGE
2-LEAD TO-3 METAL CAN
T PACKAGE
3-LEAD PLASTIC TO-220
FRONT VIEW
TAB IS
OUTPUT
3
2
1
VIN
VOUT
GND
VIN
VOUT
GND
P PACKAGE
3-LEAD TO-3P PLASTIC
FRONT VIEW
TAB IS
OUTPUT
3
2
1
LT1084CT-3.3
LT1084CT-5
LT1084CT-12
LT1085CT-3.3
LT1085CT-3.6
LT1085CT-5
LT1085CT-12
LT1085CM-3.3
LT1085CM-3.6
VIN
VOUT
GND
M PACKAGE
3-LEAD PLASTIC DD
FRONT VIEW
TAB IS
OUTPUT
3
2
1
θJA = 30°C/W*
* WITH PACKAGE SOLDERED TO 0.52IN2
COPPER AREA OVER BACKSIDE GROUND
PLANE OR INTERNAL POWER PLANE.
θJA CAN
VARY FROM 20
°C/W TO > 40°C/W DEPENDING
ON MOUNTING TECHNIQUE.
Consult factory for Industrial grade parts.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com