Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1079AM Datasheet(PDF) 12 Page - Linear Technology

Part # LT1079AM
Description  Micropower, Dual and Quad, Single Supply, Precision Op Amps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1079AM Datasheet(HTML) 12 Page - Linear Technology

Back Button LT1079AM Datasheet HTML 8Page - Linear Technology LT1079AM Datasheet HTML 9Page - Linear Technology LT1079AM Datasheet HTML 10Page - Linear Technology LT1079AM Datasheet HTML 11Page - Linear Technology LT1079AM Datasheet HTML 12Page - Linear Technology LT1079AM Datasheet HTML 13Page - Linear Technology LT1079AM Datasheet HTML 14Page - Linear Technology LT1079AM Datasheet HTML 15Page - Linear Technology LT1079AM Datasheet HTML 16Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
12
LT1078/LT1079
APPLICATIONS INFORMATION
Matching Specifications
In many applications the performance of a system de-
pends on the matching between two op amps, rather than
the individual characteristics of the two devices. The two
and three op amp instrumentation amplifier configura-
tions shown in this data sheet are examples. Matching
characteristics are not 100% tested on the LT1078/LT1079.
Some specifications are guaranteed by definition. For
example, 70
µV maximum offset voltage implies that mis-
match cannot be more than 140
µV. 97dB (= 14µV/V)
CMRR means that worst-case CMRR match is 91dB
(= 28
µV/V). However, Table 1 can be used to estimate the
expected matching performance at VS = 5V, 0V between
the two sides of the LT1078, and between amplifiers A and
D, and between amplifiers B and C of the LT1079.
Table 1
LT1078AC/LT1079AC/LT1078AM/LT1079AM
LT1078C/LT1079C/LT1078M/LT1079M
PARAMETER
50% YIELD
98% YIELD
50% YIELD
98% YIELD
UNITS
VOS Match, ∆VOS
LT1078
30
110
50
190
µV
LT1079
40
150
50
250
µV
Temperature Coefficient
∆VOS
0.5
1.2
0.6
1.8
µV/°C
Average Noninverting IB
68
6
10
nA
Match of Noninverting IB
0.12
0.4
0.15
0.5
nA
CMRR Match
120
100
117
97
dB
PSRR Match
117
105
117
102
dB
Comparator Applications
The single supply operation of the LT1078/LT1079 and its
ability to swing close to ground while sinking current
lends itself to use as a precision comparator with TTL
compatible output.
4
VS = 5V, 0V
200
µs/DIV
LT2078/79 • F03
2
0
0
–100
Figure 3. Comparator Rise Response
Time to 10mV, 5mV, 2mV Overdrives
VS = 5V, 0V
200
µs/DIV
LT2078/79 • F04
0
100
0
4
2
Figure 4. Comparator Fall Response
Time to 10mV, 5mV, 2mV Overdrives



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com