Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1084 Datasheet(PDF) 4 Page - Linear Technology

Part # LT1084
Description  3A, 5A, 7.5A Low Dropout Positive Fixed Regulators
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1084 Datasheet(HTML) 4 Page - Linear Technology

  LT1084 Datasheet HTML 1Page - Linear Technology LT1084 Datasheet HTML 2Page - Linear Technology LT1084 Datasheet HTML 3Page - Linear Technology LT1084 Datasheet HTML 4Page - Linear Technology LT1084 Datasheet HTML 5Page - Linear Technology LT1084 Datasheet HTML 6Page - Linear Technology LT1084 Datasheet HTML 7Page - Linear Technology LT1084 Datasheet HTML 8Page - Linear Technology LT1084 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
LT1083/84/85 Fixed
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Ripple Rejection
LT1085-3.3
f = 120Hz, COUT = 25µF Tantalum, VIN = 6.3V, IOUT = 3A
q
60
72
dB
LT1085-3.6
f = 120Hz, COUT = 25µF Tantalum, VIN = 6.6V, IOUT = 3A
q
60
72
dB
LT1083/4/5-5
VIN = 8V (Note 5)
q
60
68
dB
LT1083/4/5-12
VIN = 15V (Note 5)
q
54
60
dB
Temperature Stability
q
0.5
%
Long Term Stability
TA = 125°C, 1000 Hrs.
0.03
1.0
%
RMS Output Noise
TA = 25°C,
(% of VOUT)
10Hz =
≤ f ≤ 10kHz
0.003
%
Thermal Resistance
Control Circuitry/Power Transistor (See Applications Information)
Junctrion-to-Case
LT1083
K Package
0.6/1.6
°C/W
P Package
0.5/1.6
°C/W
LT1084
K Package
0.75/2.3
°C/W
P Package
0.65/2.3
°C/W
T Package
0.65/2.7
°C/W
LT1085
K Package
0.9/3.0
°C/W
T Package
0.7/3.0
°C/W
DD Package
0.7/3.0
°C/W
ELECTRICAL CHARACTERISTICS
TYPICAL PERFORMANCE CHARACTERISTICS
input to output voltage. Note that the 60W power dissipation for the
LT1083 (45W for the LT1084 (K, P), 30W for the LT1084 (T), 30W for the
LT1085) is only achievable over a limited range of input to output voltage.
Note 4: Dropout voltage is specified over the full output current range of
the device. Test points and limits are shown on the Dropout Voltage curve.
Note 5: For LT1083 IFULL LOAD is 5A for – 55°C ≤ TJ ≤ –40°C and 7.5A for
TJ ≥ –40°C.
Note 6: 1.7V
≤ (VIN – VOUT) ≤ 25V for LT1084 at –55°C ≤ TJ ≤ –40°C.
Note 7: Dropout voltage 1.7V maximum for LT1084 at – 55
≤ TJ ≤ –40°C.
Note 8: Full load current is not available at all input-output voltages.
See Notes 2,3,5.
OUTPUT CURRENT (A)
0
1
2
LT1083/4/5 FIXED G01
0
123456789
10
INDICATES GUARANTEED TEST POINT
–40°C
≤ TJ ≤ 150°C
0°C
≤ TJ ≤ 125°C
TJ = 150°C
TJ = 25°C
TJ = –55°C
INPUT/OUTPUT DIFFERENTIAL (V)
0
8
10
12
15
25
LT1083/4/5 FIXED G02
6
4
510
20
30
35
2
0
25°C
–55°C
IFULL LOAD
GUARANTEED
150°C
TEMPERATURE (°C)
–50
–0.20
–0.15
–0.10
–0.05
0
050
100
150
LT1083/4/5 FIXED G03
0.05
0.10
–25
25
75
125
∆I = 7.5A
LT1083 Dropout Voltage
LT1083 Load Regulation
LT1083 Short-Circuit Current
The q denotes the specifications which apply over the full operating
temperature range.
Note 1: See thermal regulation specifications for changes in output voltage
due to heating effects. Load and line regulation are measured at a constant
junction temperature by low duty cycle pulse testing.
Note 2: Line and load regulation are guaranteed up to the maximum power
dissipation (60W for the LT1083, 45W for the LT1084 (K, P), 30W for the
LT1084 (T) and 30W for the LT1085). Power dissipation is determined by
the input/output differential and the output current. Guaranteed maximum
power dissipation will not be available over the full input/output range.
Note 3: IFULL LOAD is defined in the current limit curves. The IFULLLOAD
curve is defined as the minimum value of current limit as a function of



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com