Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1086 Datasheet(PDF) 6 Page - Linear Technology

Part # LT1086
Description  1.5A Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 3.6V, 5V, 12V
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1086 Datasheet(HTML) 6 Page - Linear Technology

Back Button LT1086 Datasheet HTML 2Page - Linear Technology LT1086 Datasheet HTML 3Page - Linear Technology LT1086 Datasheet HTML 4Page - Linear Technology LT1086 Datasheet HTML 5Page - Linear Technology LT1086 Datasheet HTML 6Page - Linear Technology LT1086 Datasheet HTML 7Page - Linear Technology LT1086 Datasheet HTML 8Page - Linear Technology LT1086 Datasheet HTML 9Page - Linear Technology LT1086 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
LT1086 Series
TYPICAL PERFORMANCE CHARACTERISTICS
LT1086H Short-Circuit Current
LT1086 Line Transient Response
TIME (
µs)
0
–0.1
0.1
0.3
LT1086 • TPC14
–0.3
1.0
–0.2
0
0.2
1.5
0.5
0
50
100
CADJ = 0
CADJ = 1µF
CIN = 1µF TANTALUM
COUT = 10µF TANTALUM
VOUT = 10V
VIN = 13V
PRELOAD = 100mA
LT1086 Load Transient Response
LT1086H Load Regulation
LT1086H Dropout Voltage
LT1086H Ripple Rejection
vs Current
OUTPUT CURRENT (A)
0
2
0.4
LT1086 • TPC16
1
0
0.1
0.2
0.3
0.5
–55
°C ≤ TJ ≤ 150°C
0
°C ≤ TJ ≤ 125°C
TJ = – 55°C
TJ = 25°C
TJ = 150°C
INDICATES GUARANTEED TEST POINT
TEMPERATURE (°C)
–50
–0.20
–0.15
–0.10
–0.05
0
050
100
150
LT1086 • TPC17
0.05
0.10
–25
25
75
125
∆I = 0.5A
OUTPUT CURRENT (A)
0
0
20
30
40
50
60
70
0.1
0.2
0.3
0.4
LT1086 • TPC18
80
90
100
10
0.5
fR = 20kHz
VRIPPLE ≤ 0.5VP-P
VOUT = 5V
CADJ = 25µF
COUT = 25µF
fR = 120Hz
VRIPPLE ≤ 3VP-P
LT1086-5 Ripple Rejection
vs Current
OUTPUT CURRENT (A)
0
0
20
30
40
50
60
70
0.25
0.5
0.75
1.0
LT1086 • TPC10
1.25
80
90
100
10
1.5
fR = 120Hz
VRIPPLE ≤ 3VP-P
fR = 20kHz
VRIPPLE ≤ 0.5VP-P
VOUT = 5V
CADJ = 25µF
COUT = 25µF
LT1086-12 Ripple Rejection
LT1086-12 Ripple Rejection
vs Current
OUTPUT CURRENT (A)
0
0
20
30
40
50
60
70
0.25
0.5
0.75
1.0
LT1086 • TPC12
1.25
80
90
100
10
1.5
fR = 120Hz
VRIPPLE ≤ 3VP-P
fR = 20kHz
VRIPPLE ≤ 0.5VP-P
VOUT = 5V
CADJ = 25µF
COUT = 25µF
INPUT/OUTPUT DIFFERENTIAL (V)
0
0
0.2
0.4
0.6
0.8
1.0
1.2
510
15
20
LT1086 • TPC15
25
GUARANTEED
OUTPUT CURRENT
FREQUENCY (Hz)
20
40
50
70
80
10
1k
10k
100k
LT1086 • TPC11
0
100
60
30
10
VRIPPLE ≤ 3VP-P
(VIN – VOUT) ≥ 3V
(VIN – VOUT) ≥ VDROPOUT
VRIPPLE ≤ 0.5VP-P
IOUT = 1.5A
TIME (
µs)
0
–20
20
60
LT1086 • TPC13
–60
13
–40
0
40
14
12
11
100
200
CADJ = 1µF
CADJ = 0
VOUT = 10V
IOUT = 0.2A
CIN = 1µF TANTALUM
COUT = 10µF TANTALUM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com