Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1074CT Datasheet(PDF) 13 Page - Linear Technology

Part # LT1074CT
Description  Step-Down Switching Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1074CT Datasheet(HTML) 13 Page - Linear Technology

Back Button LT1074CT Datasheet HTML 8Page - Linear Technology LT1074CT Datasheet HTML 9Page - Linear Technology LT1074CT Datasheet HTML 10Page - Linear Technology LT1074CT Datasheet HTML 11Page - Linear Technology LT1074CT Datasheet HTML 12Page - Linear Technology LT1074CT Datasheet HTML 13Page - Linear Technology LT1074CT Datasheet HTML 14Page - Linear Technology LT1074CT Datasheet HTML 15Page - Linear Technology LT1074CT Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
LT1074/LT1076
13
Tapped-Inductor Buck Converter
Positive-to-Negative Converter with 5V Output
TYPICAL APPLICATIO S
+
+
VSW
VIN
VC
GND
FB
LT1074HV
R1
2.8k
R2
2.21k
D2
35V
5W
C3
200
µF
50V
R3
1k
C2
0.2
µF
L1*
LT1074 •TA02
D1**
D3
1N5819
31
C1
4400
µF
(2 EA
2200
µF,
16V)
L2
5
µH
C4
390
µF
16V
0.01
µF
+
PULSE ENGINEERING #PE
±65282
*
**
†
MOTOROLA MBR2030CTL
IF INPUT VOLTAGE IS BELOW 20V,
MAXIMUM OUTPUT CURRENT WILL BE REDUCED. SEE AN44
VIN
20V
† TO 35V
VOUT
5V, 10A
†
R3*
2.74k
VIN
VSW
V
GND
R4
1.82k*
C2
1000
µF
10V
L1
25
µH
5A
††
+
+
D1
†
MBR745
R1**
5.1k
VC
C3
0.1
µF
C4**
0.01
µF
+
R2**
10k
C1
220
µF
50V
* = 1% FILM RESISTORS
D1 = MOTOROLA-MBR745
C1 = NICHICON-UPL1C221MRH6
C2 = NICHICON-UPL1A102MRH6
L1 = COILTRONICS-CTX25-5-52
V
4.5V to
40V
IN
–5V,1A***
+
200
µF
10V
–
OPTIONAL FILTER
5
µH
LOWER REVERSE VOLTAGE RATING MAY BE USED FOR LOWER INPUT VOLTAGES.
LOWER CURRENT RATING IS ALLOWED FOR LOWER OUTPUT CURRENT. SEE AN44.
R1, R2, AND C4 ARE USED FOR LOOP FREQUENCY COMPENSATION WITH LOW INPUT VOLTAGE,
BUT R1 AND R2 MUST BE INCLUDED IN THE CALCULATION FOR OUTPUT VOLTAGE DIVIDER VALUES.
LOWER CURRENT RATING MAY BE USED FOR LOWER OUTPUT CURRENT. SEE AN44.
R3 =
–2.37 (K
Ω)
R1 = (R3) (1.86)
R2 = (R3) (3.65)
VOUT
MAXIMUM OUTPUT CURRENT OF 1A IS DETERMINED BY MINIMUM INPUT
VOLTAGE OF 4.5V. HIGHER MINIMUM INPUT VOLTAGE WILL ALLOW MUCH HIGHER
OUTPUT CURRENTS. SEE AN44.
LT1074 • TA03
LT1074
FB
FOR HIGHER OUTPUT VOLTAGES, INCREASE R1, R2, AND R3 PROPORTIONATELY.
FOR INPUT VOLTAGE > 10V, R1, R2, AND C4 CAN BE ELIMINATED, AND COMPENSATION IS
DONE TOTALLY ON THE V PIN.
C
†
††
**
**



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com