Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FR107S Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # FR107S
Description  Fast Recovery Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

FR107S Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  FR107S Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd FR107S Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd FR107S Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd FR107S Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CREAT BY ART
- High efficiency, low VF
- High current capability
- High reliability
- High surge current capability
- Low power loss
- Halogen-free according to IEC 61249-2-21 definition
Molding compound, UL flammability classification rating 94V-0
Base P/N with suffix "G" on packing code - halogen-free
Terminal:
Matte tin plated leads, solderable per JESD22-B102
Meet JESD 201 class 1A whisker test
VRRM
50
100
200
400
600
800
1000
V
VRMS
35
70
140
280
420
560
700
V
VDC
50
100
200
400
600
800
1000
V
IF(AV)
A
Trr
250
ns
Cj
pF
RθJA
OC/W
TJ
OC
TSTG
OC
Document Number: DS_D1402006
Version: F14
Weight:
0.2g (approximately)
FR101S thru FR107S
Taiwan Semiconductor
Fast Recovery Rectifiers
FEATURES
- Compliant to RoHS Directive 2011/65/EU and
in accordance to WEEE 2002/96/EC
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (TA=25℃ unless otherwise noted)
PARAMETER
SYMBOL
FR
101S
Note 3: Measured at 1 MHz and Applied Reverse Voltage of 4.0V D.C.
MECHANICAL DATA
Case:
A-405
A-405
UNIT
Maximum repetitive peak reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average forward rectified current
1
Peak forward surge current, 8.3 ms single half sine-wave
superimposed on rated load
IFSM
30
A
Maximum instantaneous forward voltage (Note 1)
@ 1 A
VF
1.2
V
Maximum reverse current @ rated VR TJ=25 ℃
TJ=125 ℃
IR
5
μA
150
Typical junction capacitance (Note 3)
10
500
Typical thermal resistance
90
Operating junction temperature range
- 55 to +150
Storage temperature range
- 55 to +150
Note 1: Pulse Test with PW=300μs, 1% Duty Cycle
Note 2: Reverse Recovery Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A
FR
102S
FR
103S
FR
104S
FR
105S
FR
106S
FR
107S
Maximum reverse recovery time (Note 2)
150


Similar Part No. - FR107S

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
FR107S TSC-FR107S Datasheet
63Kb / 2P
1.0 AMP. Fast Recovery Rectifiers
FR107S TSC-FR107S Datasheet
256Kb / 2P
1.0 AMP. Fast Recovery Rectifiers
logo
SEMTECH ELECTRONICS LTD...
FR107S SEMTECH_ELEC-FR107S Datasheet
208Kb / 1P
FAST RECOVERY RECTIFIERS
logo
Gulf Semiconductor
FR107S GULFSEMI-FR107S Datasheet
1,018Kb / 2P
FAST SWITCHING PLASTIC RECTIFIER VOLTAGE: 1000V CURRENT:1.0A
logo
Taiwan Semiconductor Co...
FR107S TSC-FR107S Datasheet
540Kb / 2P
1.0 AMP. Fast Recovery Rectifiers
More results

Similar Description - FR107S

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
S5295B EIC-S5295B Datasheet
44Kb / 2P
FAST RECOVERY RECTIFIERS
logo
Galaxy Semi-Conductor H...
ERD29-02 BILIN-ERD29-02 Datasheet
57Kb / 2P
FAST RECOVERY RECTIFIERS
FR05-12 BILIN-FR05-12 Datasheet
59Kb / 2P
FAST RECOVERY RECTIFIERS
logo
HY ELECTRONIC CORP.
FR301 HY-FR301 Datasheet
90Kb / 2P
FAST RECOVERY RECTIFIERS
logo
SeCoS Halbleitertechnol...
FR201 SECOS-FR201_15 Datasheet
166Kb / 2P
Fast Recovery Rectifiers
SMF101MH SECOS-SMF101MH_15 Datasheet
369Kb / 3P
Fast Recovery Rectifiers
logo
Leshan Radio Company
1F3 LRC-1F3_15 Datasheet
189Kb / 7P
Fast Recovery Rectifiers
1N4936 LRC-1N4936_15 Datasheet
200Kb / 7P
Fast Recovery Rectifiers
1N4947 LRC-1N4947_15 Datasheet
200Kb / 7P
Fast Recovery Rectifiers
logo
Taiwan Semiconductor Co...
BA157 TSC-BA157_14 Datasheet
379Kb / 4P
Fast Recovery Rectifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com