Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1081CSW Datasheet(PDF) 12 Page - Linear Technology

Part # LT1081CSW
Description  Advanced Low Power 5V RS232 Dual Driver/Receiver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1081CSW Datasheet(HTML) 12 Page - Linear Technology

Back Button LT1081CSW Datasheet HTML 4Page - Linear Technology LT1081CSW Datasheet HTML 5Page - Linear Technology LT1081CSW Datasheet HTML 6Page - Linear Technology LT1081CSW Datasheet HTML 7Page - Linear Technology LT1081CSW Datasheet HTML 8Page - Linear Technology LT1081CSW Datasheet HTML 9Page - Linear Technology LT1081CSW Datasheet HTML 10Page - Linear Technology LT1081CSW Datasheet HTML 11Page - Linear Technology LT1081CSW Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
12
LT1080/LT1081
10801fd LT/TP 0400 2K REV D • PRINTED IN USA
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408)432-1900 q FAX:(408)434-0507 q www.linear-tech.com
©LINEAR TECHNOLOGY CORPORATION 1991
TYPICAL APPLICATIO
Supporting an LT1039 (Triple Driver/Receiver)
30k
30k
RS232 OUTPUT
RS232 OUTPUT
RS232 INPUT
RS232 INPUT
1080/81 • TA02
LT1039
TTL INPUT
30k
RS232 INPUT
VCC
TTL INPUT
TTL INPUT
TTL OUTPUT
TTL OUTPUT
TTL OUTPUT
ON/OFF
RS232 OUTPUT
5k
RS232 OUTPUT
RS232 INPUT
LT1080
TTL INPUT
5k
RS232 INPUT
VCC
TTL INPUT
TTL OUTPUT
TTL OUTPUT
ON/OFF
RS232 OUTPUT
1
µF
2
*C1
4
1
µF
5
6
3
7
18
17
1
µF
1
µF
GND
16
GND
10
V+
V –
1
9
18
17
5V
SHUTDOWN
C2–
C2+
C1–
C1+
V+
V –
*IN APPLICATIONS WHERE A SEPARATE SECOND POSITIVE SUPPLY IS AVAILABLE
(SUCH AS 5V AND 12V), THE 12V SUPPLY MAY BE CONNECTED TO PIN 2 AND
C1 DELETED. THE POWER SUPPLY CIRCUITRY WILL THEN INVERT THE 12V SUPPLY.
THE 5V SUPPLY IS STILL NEEDED TO POWER THE BIASING CIRCUITRY AND RECEIVERS.
PART NUMBER
DESCRIPTION
COMMENTS
LT1180A/LT1181A
5V Low Power 2DR/2TX RS232 Transceiver
0.1
µF Capacitors, 10kV ESD
LT1780/LT1781
5V Low Power 2DR/2TX RS232 Transceiver
15kV ESD
LT1381
5V Low Power 2DR/2TX RS232 Transceiver
16-Pin Narrow SO Package
LT1130A/LT1140A
5V RS232 Transceivers
Up to 5DR/5RX
LTC1383
5V Low Power 2DR/2RX RS232 Transceiver
Low Supply Current ICC = 220µA
LTC1386
3.3V Low Power EIA/TIA562 Transceiver
Low Supply Current ICC = 200µA
RELATED PARTS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com