Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1111 Datasheet(PDF) 6 Page - Linear Technology

Part # LT1111
Description  Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1111 Datasheet(HTML) 6 Page - Linear Technology

Back Button LT1111 Datasheet HTML 2Page - Linear Technology LT1111 Datasheet HTML 3Page - Linear Technology LT1111 Datasheet HTML 4Page - Linear Technology LT1111 Datasheet HTML 5Page - Linear Technology LT1111 Datasheet HTML 6Page - Linear Technology LT1111 Datasheet HTML 7Page - Linear Technology LT1111 Datasheet HTML 8Page - Linear Technology LT1111 Datasheet HTML 9Page - Linear Technology LT1111 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
LT1111
Gain block A2 can serve as a low-battery detector. The
negative input of A2 is the 1.25V reference. A resistor
divider from VIN to GND, with the mid-point connected to
the SET pin provides the trip voltage in a low-battery
detector application. AO can sink 300
µA (use a 22k
resistor pull-up to 5V).
A resistor connected between the ILIM pin and VIN sets
maximum switch current. When the switch current ex-
ceeds the set value, the switch cycle is prematurely
terminated. If current limit is not used, ILIM should be tied
directly to VIN. Propagation delay through the current limit
circuitry is approximately 1
µs.
In step-up mode the switch emitter (SW2) is connected to
ground and the switch collector (SW1) drives the induc-
tor; in step-down mode the collector is connected to VIN
and the emitter drives the inductor.
The LT1111-5 and LT1111-12 are functionally identical to
the LT1111. The -5 and -12 versions have on-chip voltage
setting resistors for fixed 5V or 12V outputs. Pin 8 on the
fixed versions should be connected to the output. No
external resistors are needed.
LT11
ATI
11 OPER
The LT1111 is a gated oscillator switcher. This type
architecture has very low supply current because the
switch is cycled when the feedback pin voltage drops
below the reference voltage. Circuit operation can best be
understood by referring to the LT1111 block diagram.
Comparator A1 compares the feedback (FB) pin voltage
with the 1.25V reference signal. When FB drops below
1.25V, A1 switches on the 72kHz oscillator. The driver
amplifier boosts the signal level to drive the output NPN
power switch. The switch cycling action raises the output
voltage and FB pin voltage. When the FB voltage is suffi-
cient to trip A1, the oscillator is gated off. A small amount
of hysteresis built into A1 ensures loop stability without
external frequency compensation. When the comparator
output is low, the oscillator and all high current circuitry is
turned off, lowering device quiescent current to just 300
µA.
The oscillator is set internally for 7
µs ONtime and 7µs OFF
time, optimizing the device for circuits where VOUT and VIN
differ by roughly a factor of 2. Examples include a 3V to 5V
step-up converter or a 9V to 5V step-down converter.
I
DAGRA
BLOCK
S
LT1111 • BD01
IN
V
GND
SET
A0
A2
1.25V
REFERENCE
A1
OSCILLATOR
DRIVER
SW1
SW2
LIM
I
GAIN BLOCK/
ERROR AMP
COMPARATOR
+
–
+
–
FB
LT1111-5/LT1111-12
LT1111
LT1111 • BD02
IN
V
GND
SET
A0
A2
1.25V
REFERENCE
A1
OSCILLATOR
DRIVER
R1
SW1
SW2
LIM
I
R2
220k
SENSE
LT1111-5:
LT1111-12:
R1 = 73.5k
R1 = 25.5k
GAIN BLOCK/
ERROR AMP
COMPARATOR
+
–
+
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com