Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1122DM Datasheet(PDF) 3 Page - Linear Technology

Part # LT1122DM
Description  Fast Settling, JFET Input Operational Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1122DM Datasheet(HTML) 3 Page - Linear Technology

  LT1122DM Datasheet HTML 1Page - Linear Technology LT1122DM Datasheet HTML 2Page - Linear Technology LT1122DM Datasheet HTML 3Page - Linear Technology LT1122DM Datasheet HTML 4Page - Linear Technology LT1122DM Datasheet HTML 5Page - Linear Technology LT1122DM Datasheet HTML 6Page - Linear Technology LT1122DM Datasheet HTML 7Page - Linear Technology LT1122DM Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
LT1122
ELECTRICAL C
C
HARA TERISTICS
LT1122CM/DM
LT1122AM/BM
LT1122CC/DC
LT1122AC/BC
LT1122CS/DS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
VS = ± 15V, TA = 25°C, VCM = 0V unless otherwise noted.
LT1122CC/DC
LT1122AC/BC
LT1122CS/DS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
350
1400
400
2000
µV
Average Temperature Coefficient
518
6
25
µV/°C
of Input Offset Voltage
IOS
Input Offset Current
12
150
15
200
pA
IB
Input Bias Current
80
600
90
800
pA
AVOL
Large Signal Voltage Gain
VOUT = ± 10V, RL ≥ 2kΩ
120 380
100
340
V/mV
CMRR
Common Mode Rejection Ratio
VCM = ± 10V
82
98
78
96
dB
PSRR
Power Supply Rejection Ratio
VS = ± 10V to ± 17V
84
101
80
99
dB
Input Voltage Range
±10 ±10.8
± 10
± 10.8
V
VOUT
Output Voltage Swing
RL = 2kΩ
±11.5 ±12.4
± 11.5 ± 12.4
V
SR
Slew Rate
AV = – 1
50
70
40
65
V/
µs
VS = ± 15V, VCM = 0V, 0°C ≤ TA ≤ 70°C, unless otherwise noted. (Note 1)
LT1122AM/BM
LT1122CM/DM
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
650
2400
800
3400
µV
Average Temperature Coefficient
618
7
25
µV/°C
of Input Offset Voltage
IOS
Input Offset Current
0.5
6
0.6
9
nA
IB
Input Bias Current
625
7
35
nA
AVOL
Large Signal Voltage Gain
VOUT = ± 10V, RL ≥ 2kΩ
70
230
60
200
V/mV
CMRR
Common Mode Rejection Ratio
VCM = ± 10V
80
97
76
94
dB
PSRR
Power Supply Rejection Ratio
VS = ± 10V to ± 17V
83
100
78
98
dB
Input Voltage Range
±10 ±10.5
± 10
± 10.5
V
VOUT
Output Voltage Swing
RL = 2kΩ
±11.3 ±12.1
± 11.3 ± 12.1
V
SR
Slew Rate
AV = – 1
45
60
35
55
V/
µs
VS = ± 15V, VCM = 0V, – 55°C ≤ TA ≤ 125°C, unless otherwise noted. (Note 1)
The
denotes the specifications which apply over the full operating
temperature range.
Note 1: The LT1122 is measured in an automated tester in less than one
second after application of power. Depending on the package used, power
dissipation, heat sinking, and air flow conditions, the fully warmed up chip
temperature can be 10
°C to 50°C higher than the ambient temperature.
Note 2: Settling time is 100% tested for A and C grades using the settling
time test circuit shown. This test is not included in quality assurance
sample testing.
Note 3: Input voltage range functionality is assured by testing offset
voltage at the input voltage range limits to a maximum of 4mV (A, B
grades), to 5.7mV (C, D grades).
Note 4: Minimum supply voltage is tested by measuring offset voltage to
7mV maximum at
± 5V supplies.
Note 5: The LT1122 is not tested and not quality-assurance-sampled at
–40
°C and at 85°C. These specifications are guaranteed by design,
correlation and/or inference from – 55
°C, 0°C, 25°C, 70°C and/or 125°C
tests.
VOUT
Output Voltage Swing
RL = 2kΩ± 12
± 12.5
± 12
± 12.5
V
RL = 600Ω± 11.5 ± 12
± 11.5 ± 12
V
IS
Supply Current
7.5
10
7.8
11
mA
Minimum Supply voltage
(Note 4)
± 5
± 5V
Offset Adjustment Range
RPOT ≥ 10k, Wiper to V+
± 4
± 10
± 4
± 10
mV



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com