Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1160 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1160
Description  Half-/Full-Bridge N-Channel Power MOSFET Drivers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1160 Datasheet(HTML) 2 Page - Linear Technology

  LT1160 Datasheet HTML 1Page - Linear Technology LT1160 Datasheet HTML 2Page - Linear Technology LT1160 Datasheet HTML 3Page - Linear Technology LT1160 Datasheet HTML 4Page - Linear Technology LT1160 Datasheet HTML 5Page - Linear Technology LT1160 Datasheet HTML 6Page - Linear Technology LT1160 Datasheet HTML 7Page - Linear Technology LT1160 Datasheet HTML 8Page - Linear Technology LT1160 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
LT1160/LT1162
ABSOLUTE MAXIMUM RATINGS
Supply Voltage (Note 1).......................................... 20V
Boost Voltage ......................................................... 75V
Peak Output Currents (< 10
µs) .............................. 1.5A
Input Pin Voltages .......................... – 0.3V to V + + 0.3V
Top Source Voltage ..................................... – 5V to 60V
Boost to Source Voltage ........................... – 0.3V to 20V
Operating Temperature Range
Commercial .......................................... 0
°C to 70°C
Industrial ......................................... – 40
°C to 85°C
Junction Temperature (Note 2) ............................ 125
°C
Storage Temperature Range ................ – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec) ................. 300
°C
PACKAGE/ORDER INFORMATION
ORDER PART
NUMBER
LT1162CN
LT1162CSW
LT1162IN
LT1162ISW
ORDER PART
NUMBER
LT1160CN
LT1160CS
LT1160IN
LT1160IS
TJMAX = 125°C, θJA = 58°C/ W (N)
TJMAX = 125°C, θJA = 80°C/ W (SW)
Consult factory for Military grade parts.
Test Circuit, TA = 25°C, V+ = VBOOST = 12V, VTSOURCE = 0V, CGATE = 3000pF.
Gate Feedback pins connected to Gate Drive pins, unless otherwise specified.
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
IS
DC Supply Current (Note 3)
V + = 15V, VINTOP = 0.8V, VINBOTTOM = 2V
7
11
15
mA
V + = 15V, VINTOP = 2V, VINBOTTOM = 0.8V
7
10
15
mA
V + = 15V, VINTOP = 0.8V, VINBOTTOM = 0.8V
7
11
15
mA
IBOOST
Boost Current (Note 3)
V + = 15V, VTSOURCE = 60V, VBOOST = 75V,
3
4.5
6
mA
VINTOP = VINBOTTOM = 0.8V
VIL
Input Logic Low
q
1.4
0.8
V
VIH
Input Logic High
q
2
1.7
V
IIN
Input Current
VINTOP = VINBOTTOM = 4V
q
725
µA
V +UVH
V + Undervoltage Start-Up Threshold
8.4
8.9
9.4
V
V +UVL
V + Undervoltage Shutdown Threshold
7.8
8.3
8.8
V
VBUVH
VBOOST Undervoltage Start-Up Threshold
VTSOURCE = 60V (VBOOST – VTSOURCE)
8.8
9.3
9.8
V
VBUVL
VBOOST Undervoltage Shutdown Threshold
VTSOURCE = 60V (VBOOST – VTSOURCE)
8.2
8.7
9.2
V
ELECTRICAL CHARACTERISTICS
TJMAX = 125°C, θJA = 70°C/ W (N)
TJMAX = 125°C, θJA = 110°C/ W (S)
1
2
3
4
5
6
7
TOP VIEW
N PACKAGE
14-LEAD PDIP
S PACKAGE
14-LEAD PLASTIC SO
14
13
12
11
10
9
8
SV+
IN TOP
IN BOTTOM
UV OUT
SGND
PGND
NC
BOOST
T GATE DR
T GATE FB
T SOURCE
PV+
B GATE DR
B GATE FB
1
2
3
4
5
6
7
8
9
10
11
12
TOP VIEW
N PACKAGE
24-LEAD PDIP
24
23
22
21
20
19
18
17
16
15
14
13
SW PACKAGE
24-LEAD PLASTIC SO WIDE
SV+ A
IN TOP A
IN BOTTOM A
UV OUT A
GND A
B GATE FB A
SV+ B
IN TOP B
IN BOTTOM B
UV OUT B
GND B
B GATE FB B
BOOST A
T GATE DR A
T GATE FB A
T SOURCE A
PV+ A
B GATE DR A
BOOST B
T GATE DR B
T GATE FB B
T SOURCE B
PV+ B
B GATE DR B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com