Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1161CS Datasheet(PDF) 9 Page - Linear Technology

Part # LT1161CS
Description  Quad Protected High-Side MOSFET Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1161CS Datasheet(HTML) 9 Page - Linear Technology

Back Button LT1161CS Datasheet HTML 4Page - Linear Technology LT1161CS Datasheet HTML 5Page - Linear Technology LT1161CS Datasheet HTML 6Page - Linear Technology LT1161CS Datasheet HTML 7Page - Linear Technology LT1161CS Datasheet HTML 8Page - Linear Technology LT1161CS Datasheet HTML 9Page - Linear Technology LT1161CS Datasheet HTML 10Page - Linear Technology LT1161CS Datasheet HTML 11Page - Linear Technology LT1161CS Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
LT1161
APPLICATIONS INFORMATION
10
µF
RS1
0.2
Ω
RS2
0.02
Ω
1
µF
1161 F09b
15V
1N4744
15V
1N4744
1N4148
51
Ω
51
Ω
51
Ω
LT1161
8V TO 24V
V+
V+
DS1
G1
G2
DS2
+
HV
LOAD
HV
LOAD
T1
1
µF
T2
IRF630
IRF630
HV
2N2222
–
+
1/2
LT1013
2N2222
Figure 9b. Low-Side Drivers with Two Approaches
for Source Current Sensing
Current sensing for protecting low-side drivers can be
done in several different ways. In the Figure 9a circuit, the
supply voltage for the load is assumed to be within the
supply operating range of the LT1161. This allows the load
to be returned to supply through current-sense resistor
RS, providing normal operation of the LT1161 protection
circuitry.
If the load cannot be returned to supply through RS, or the
load supply voltage is higher than the LT1161 supply, the
current sense must be moved to the source of the low-side
MOSFET. Figure 9b shows two approaches to source
sensing. On channel 1, current limit occurs when the
voltage across sense resistor RS1 thresholds the VBE of the
NPN transistor, causing the LT1161 drain sense pin to be
pulled down.
The channel 2 circuit of Figure 9b uses an operational
amplifier (must common mode to ground) to level shift the
voltage across RS2 up to the drain sense pin. This ap-
proach allows the use of a much smaller sense resistor
which could be made from PC trace material. In both
cases, the LT1161 restart timers function the same as in
high-side switch applications.
TYPICAL APPLICATIONS
+
1
µF
LT1161
1161 TA05
IRFZ44
IRFZ44
IRFZ44
24V
RS
INPUTS
(MAY BE PARALLELED)
GND
T1
IN1
T2
IN2
T3
IN3
T4
IN4
GND
V+
DS1
G1
DS2
G2
DS3
G3
DS4
G4
V+
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
10
µF
50V
OUTPUTS
(MAY BE PARALLELED)
15k
100k
+
Using an Extra Channel to Do Common Current Limit for Multiple/Paralleled Switches



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com