Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1167AI Datasheet(PDF) 20 Page - Linear Technology

Part # LT1167AI
Description  Single Resistor Gain Programmable, Precision Instrumentation Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1167AI Datasheet(HTML) 20 Page - Linear Technology

Back Button LT1167AI Datasheet HTML 12Page - Linear Technology LT1167AI Datasheet HTML 13Page - Linear Technology LT1167AI Datasheet HTML 14Page - Linear Technology LT1167AI Datasheet HTML 15Page - Linear Technology LT1167AI Datasheet HTML 16Page - Linear Technology LT1167AI Datasheet HTML 17Page - Linear Technology LT1167AI Datasheet HTML 18Page - Linear Technology LT1167AI Datasheet HTML 19Page - Linear Technology LT1167AI Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
20
LT1167
PART NUMBER
DESCRIPTION
COMMENTS
LTC1100
Precision Chopper-Stabilized Instrumentation Amplifier
Best DC Accuracy
LT1101
Precision, Micropower, Single Supply Instrumentation Amplifier
Fixed Gain of 10 or 100, IS < 105µA
LT1102
High Speed, JFET Instrumentation Amplifier
Fixed Gain of 10 or 100, 30V/
µs Slew Rate
LTC
®1418
14-Bit, Low Power, 200ksps ADC with Serial and Parallel I/O
Single Supply 5V or
±5V Operation, ±1.5LSB INL
and
±1LSB DNL Max
LT1460
Precision Series Reference
Micropower; 2.5V, 5V, 10V Versions; High Precision
LT1468
16-Bit Accurate Op Amp, Low Noise Fast Settling
16-Bit Accuracy at Low and High Frequencies, 90MHz GBW,
22V/
µs, 900ns Settling
LTC1562
Active RC Filter
Lowpass, Bandpass, Highpass Responses; Low Noise,
Low Distortion, Four 2nd Order Filter Sections
LTC1605
16-Bit, 100ksps, Sampling ADC
Single 5V Supply, Bipolar Input Range:
±10V,
Power Dissipation: 55mW Typ
1167f LT/GP 1298 4K • PRINTED IN USA
© LINEAR TECHNOLOGY CORPORATION 1998
4-Digit Pressure Sensor
TYPICAL APPLICATION
–
+
+
–
2
1
1
1
1
2
R8
392k
LT1634CCZ-1.25
4
11
1/4
LT1114
–
+
1/4
LT1114
3
5k
5k
5k
5k
9V
9V
5
4
3
2
2
8
LUCAS NOVA SENOR
NPC-1220-015A-3L
7
6
1167 TA03
5
TO
4-DIGIT
DVM
4
8
R5
100k
R3
51k
R4
100k
R1
825
Ω
R2
12
Ω
C1
1
µF
R9
1k
RSET
R6
50k
R7
180k
3
12
14
13
6
–
+
1/4
LT1114
10
9
–
+
LT1167
G = 60
0.2% ACCURACY AT ROOM TEMP
1.2% ACCURACY AT 0
°C TO 60°C
VOLTS
2.800
3.000
3.200
INCHES Hg
28.00
30.00
32.00
RELATED PARTS
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408)432-1900 qFAX:(408)434-0507 q www.linear-tech.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com