Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBRB10200CT Datasheet(PDF) 3 Page - Diodes Incorporated

Part # MBRB10200CT
Description  10A SCHOTTKY BARRIER RECTIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MBRB10200CT Datasheet(HTML) 3 Page - Diodes Incorporated

  MBRB10200CT Datasheet HTML 1Page - Diodes Incorporated MBRB10200CT Datasheet HTML 2Page - Diodes Incorporated MBRB10200CT Datasheet HTML 3Page - Diodes Incorporated MBRB10200CT Datasheet HTML 4Page - Diodes Incorporated MBRB10200CT Datasheet HTML 5Page - Diodes Incorporated MBRB10200CT Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MBRB10200CT
Document number: DS37070 Rev. 3 - 2
3 of 6
www.diodes.com
October 2014
© Diodes Incorporated
MBRB10200CT
Package Outline Dimensions
Please see AP02002 at http://www.diodes.com/datasheets/ap02002.pdf for latest version.
(1)
Package Type: TO263AB (D2PAK)
0.0000001
0.000001
0.00001
0.0001
0.001
0.01
0.1
1
10
0
20
40
60
80 100 120 140 160 180 200
V
R, INSTANTANEOUS REVERSE VOLTAGE (V)
Figure 3 Typical Reverse Characteristics
T
A = 175
oC
T
A = 150
oC
T
A = 125
oC
T
A = 85
oC
T
A = 25
oC
T
A = -55
oC
0.00
1.00
2.00
3.00
4.00
5.00
6.00
25
40
55
70
85 100 115 130 145 160 175
T
A, AMBIENT TEMPERATURE (
oC)
Figure 4 Forward Current Derating Curve
Note 5
TO263AB (D2PAK)
Dim
Min
Max
Typ
A
4.07
4.82
-
A1
0.00
0.25
-
b
0.51
0.99
-
b2
1.15
1.77
-
c
0.356 0.73
-
c2
1.143 1.65
-
D
8.39
9.65
-
D1
6.55
-
-
e
2.54 TYP
E
9.66 10.66
-
E1
6.23
-
-
H
14.61 15.87
-
L
1.78
2.79
-
L1
-
1.67
-
L2
-
1.77
-
a
0°
8°
-
All Dimensions in mm
E
L1
D
b2
b
e
L2
c2
A
H
See Detail B
7°± 1°
c
E1
D1
A1
Gauge Plane
L
L3
a
Detail B
Seating
Plane



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com