Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1609 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC1609
Description  16-Bit, 200ksps, Serial ADC with Multiple Input Ranges
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1609 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC1609_15 Datasheet HTML 2Page - Linear Technology LTC1609_15 Datasheet HTML 3Page - Linear Technology LTC1609_15 Datasheet HTML 4Page - Linear Technology LTC1609_15 Datasheet HTML 5Page - Linear Technology LTC1609_15 Datasheet HTML 6Page - Linear Technology LTC1609_15 Datasheet HTML 7Page - Linear Technology LTC1609_15 Datasheet HTML 8Page - Linear Technology LTC1609_15 Datasheet HTML 9Page - Linear Technology LTC1609_15 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
6
LTC1609
1609fa
TYPICAL PERFOR A CE CHARACTERISTICS
Typical INL Curve
CODE
0
0
0.5
1.0
65535
1609 G04
–0.5
–1.0
–2.0
16384
32768
49152
–1.5
2.0
1.5
CODE
0
0
0.5
1.0
65535
1609 G05
–0.5
–1.0
–2.0
16384
32768
49152
–1.5
2.0
1.5
FREQUENCY (kHz)
0
–60
–40
0
75
1609 G06
–80
–100
25
50
100
–120
–130
–20
fSAMPLE = 200kHz
fIN = 1kHz
SINAD = 87.2dB
THD = –100.1dB
Typical DNL Curve
Nonaveraged 4096 Point FFT Plot
SINAD vs Input Frequency
THD vs Input Frequency
FREQUENCY (kHz)
60
75
70
65
95
90
85
80
1609 G07
1
100
10
FREQUENCY (kHz)
–110
–80
–90
–100
–40
–50
–60
–70
1609 G08
1
100
10
Supply Current vs Supply Voltage
Change in CAP Voltage
vs Load Current
SUPPLY VOLTAGE (V)
4.5
13.0
13.5
14.0
5.5
1609 G01
12.5
12.0
11.0
4.75
5.0
5.25
11.5
15.0
14.5
fSAMPLE = 200kHz
LOAD CURRENT (mA)
–14
–0.05
–0.04
–0.02
–0.01
0
0.05
0.02
–10
–6
–4
4
1609 G02
–0.03
0.03
0.04
0.01
–12
–8
–2
0
2
RIPPLE FREQUENCY (Hz)
110
–30
–20
–10
0
100
10k
1k
1M
100k
1609 G03
–40
–50
–60
–70
fSAMPLE = 200kHz
Power Supply Rejection
vs Ripple Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com