Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1186F Datasheet(PDF) 3 Page - Linear Technology

Part # LT1186F
Description  DAC Programmable CCFL Switching Regulator(Bits-to-NitsTM)
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1186F Datasheet(HTML) 3 Page - Linear Technology

  LT1186F Datasheet HTML 1Page - Linear Technology LT1186F Datasheet HTML 2Page - Linear Technology LT1186F Datasheet HTML 3Page - Linear Technology LT1186F Datasheet HTML 4Page - Linear Technology LT1186F Datasheet HTML 5Page - Linear Technology LT1186F Datasheet HTML 6Page - Linear Technology LT1186F Datasheet HTML 7Page - Linear Technology LT1186F Datasheet HTML 8Page - Linear Technology LT1186F Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
LT1186F
TA = 25°C, VCC = SHUTDOWN = DIN = CS = 3.3V, BAT = Royer = BULB = 12V, ICCFL = CCFL VSW = Open, DOUT = Three-State, DIO = IOUT
= CLK = GND, CCFL VC = 0.5V, unless otherwise specified.
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
CCFL High-Side Sense Servo Current
ICCFL = 100µA, I(VC) = 0µA at CCFL VC = 1.5V
q
0.93
1.00
1.07
A
TJ < 0°C
q
0.91
1.00
1.07
A
CCFL High-Side Sense Servo Current
BAT = 5V to 30V, ICCFL = 100µA,
0.1
0.16
%/V
Line Regulation
I(VC) = 0µA at CCFL VC = 1.5V
CCFL High-Side Sense Supply Current Current Measured into BAT and Royer Pins
q
50
100
150
µA
BULB Protect Servo Voltage
ICCFL = 100µA, I(VC) = 0µA at CCFL VC = 1.5V,
q
6.5
7.0
7.5
V
Servo Voltage Measured between BAT and BULB Pins
BULB Input Bias Current
ICCFL = 100µA, I(VC) = 0µA at CCFL VC = 1.5V
5
9
µA
ILIM
CCFL Switch Current Limit
Duty Cycle = 50%
q
1.25
1.9
3.0
A
Duty Cycle = 75% (Note 3)
q
0.9
1.6
2.6
A
VSAT
CCFL Switch On Resistance
CCFL ISW = 1A
q
0.6
1.0
Ω
∆I
Q
Supply Current Increase During
CCFL ISW = 1A
20
30
mA/A
∆ISW
CCFL Switch On Time
DAC Resolution
8
Bits
DAC Full-Scale Current
V(IOUT) = 0.465V, Measured in SPI Mode
48.5
50
51.5
µA
q
47.0
50
53.0
µA
DAC Zero Scale Current
V(IOUT) = 0.465V, Measured in SPI Mode
200
nA
DAC Differential Nonlinearity
q
±2.0
LSB
DAC Supply Voltage Rejection
3V
≤ VCC ≤ 6.5V, IOUT = Full Scale, V(IOUT) = 0.465V
q
24
LSB
Logic Input Current
0V
≤ VIN ≤ VCC
q
±1
µA
VIH
High Level Input Voltage
VCC = 3.3V
q
1.9
V
VCC = 5V
q
2V
VIL
Low Level Input Voltage
VCC = 3.3V
q
0.45
V
VCC = 5V
q
0.80
V
VOH
High Level Output Voltage
VCC = 3.3V, IO = 400µA
q
2.1
V
VCC = 5V, IO = 400µA
q
2.4
V
VOL
Low Level Output Voltage
VCC = 3.3V, IO = 1mA
q
0.4
V
VCC = 5V, IO = 2mA
q
0.4
V
IOZ
Three-State Output Leakage
VCS = VCC
q
±5
µA
SERIAL INTERFACE (Notes 4, 5)
fCLK
Clock Frequency
q
2
MHz
tCKS
Setup Time, CLK
↓ Before CS↓
q
150
ns
tCSS
Setup Time, CS
↓ Before CLK↑
q
400
ns
tDV
CS
↓ to DOUT Valid
See Test Circuits
q
150
ns
tDS
Data in Setup Time Before CLK
↑
q
150
ns
tDH
Data in Hold Time After CLK
↑
q
150
ns
tDO
CLK
↓ to DOUT Valid
See Test Circuits
q
150
ns
tCKHI
CLK High Time
q
200
ns
tCKLO
CLK Low Time
q
250
ns
tCSH
CLK
↓ Before CS↑
q
150
ns
tDZ
CS
↑ to DOUT In Hi-Z
See Test Circuits
q
400
ns
tCKH
CS
↑Before CLK↑
q
400
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com