Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1187 Datasheet(PDF) 4 Page - Linear Technology

Part # LT1187
Description  Low Power Video Difference Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1187 Datasheet(HTML) 4 Page - Linear Technology

  LT1187 Datasheet HTML 1Page - Linear Technology LT1187 Datasheet HTML 2Page - Linear Technology LT1187 Datasheet HTML 3Page - Linear Technology LT1187 Datasheet HTML 4Page - Linear Technology LT1187 Datasheet HTML 5Page - Linear Technology LT1187 Datasheet HTML 6Page - Linear Technology LT1187 Datasheet HTML 7Page - Linear Technology LT1187 Datasheet HTML 8Page - Linear Technology LT1187 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
LT1187
4
LT1187C
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
Either Input, (Note 4)
2.0
12
mV
∆VOS/∆T
Input VOS Drift
9.0
µV/°C
IOS
Input Offset Current
Either Input
0.2
1.5
µA
IB
Input Bias Current
Either Input
±0.5
±3.5
µA
Input Voltage Range
– 2.5
3.5
V
CMRR
Common-Mode Rejection Ratio
VCM = –2.5V to 3.5V
70
100
dB
PSRR
Power Supply Rejection Ratio
VS = ±2.375V to ±8V
65
85
dB
VOUT
Output Voltage Swing
VS = ±5V, RL = 1k, AV = 50
±3.7
±4.0
V
VS = ±8V, RL = 1k, AV = 50
±6.6
±7.0
VS = ±8V, RL = 300Ω, AV = 50, (Note 3)
±6.4
±6.8
GE
Gain Error
VO = ±1V, AV = 10, RL = 1k
0.2
1.0
%
IS
Supply Current
13
17
mA
Shutdown Supply Current
Pin 5 at V –, (Note 11)
0.8
1.5
mA
IS/D
Shutdown Pin Current
Pin 5 at V –
525
µA
LT1187C
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
Either Input, (Note 4)
2.0
12.0
mV
SOIC Package
2.0
13.0
mV
∆VOS/∆T
Input VOS Drift
9.0
µV/°C
IOS
Input Offset Current
Either Input
0.2
1.5
µA
IB
Input Bias Current
Either Input
±0.5
±3.5
µA
Input Voltage Range
2.0
3.5
V
CMRR
Common-Mode Rejection Ratio
VCM = 2.0V to 3.5V
70
100
dB
VOUT
Output Voltage Swing
RL = 300Ω to Ground
VOUT High
3.5
4.0
V
(Note 3)
VOUT Low
0.15
0.4
IS
Supply Current
12
16
mA
Shutdown Supply Current
Pin 5 at V
–, (Note 11)
0.8
1.5
mA
IS/D
Shutdown Pin Current
Pin 5 at V
–
525
µA
VS = ±5V, VREF = 0V, RFB1 = 900Ω from pins 6 to 8, RFB2 = 100Ω from pin 8 to ground, RL = RFB1 + RFB2 = 1k, CL ≤ 10pF, pin 5 open.
5V
VS
+ = 5V, V
S
– = 0V, VREF = 2.5V, RFB1 = 900Ω from pins 6 to 8, RFB2 = 100Ω from pin 8 to VREF, RL = RFB1 + RFB2 = 1k, CL ≤ 10pF, pin 5 open.
Note 1: A heat sink may be required to keep the junction temperature below
absolute maximum when the output is shorted continuously.
Note 2: TJ is calculated from the ambient temperature TA and power dissipation
PD according to the following formulas:
LT1187MJ8,LT1187CJ8:
TJ = TA + (PD × 100°C/W)
LT1187CN8:
TJ = TA + (PD × 100°C/W)
LT1187CS8:
TJ = TA + (PD × 150°C/W)
Note 3: When RL = 1k is specified, the load resistor is RFB1 + RFB2, but when
RL = 300Ω is specified, then an additional 430Ω is added to the output such
that (RFB1 + RFB2) in parallel with 430Ω is RL = 300Ω.
Note 4: VOS measured at the output (pin 6) is the contribution from both input
pair, and is input referred.
Note 5: VIN LIM is the maximum voltage between –VIN and +VIN (pin 2 and
pin 3) for which the output can respond.
Note 6: Slew rate is measured between
±0.5V on the output, with a VIN step
of
±0.75V, AV = 3 and RL = 1k.
Note 7: Full power bandwidth is calculated from the slew rate measurement:
FPBW = SR/2
πVp.
Note 8: Settling time measurement techniques are shown in “Take the
Guesswork Out of Settling Time Measurements,” EDN, September 19, 1985.
Note 9: NTSC (3.58MHz).
Note 10: AC parameters are 100% tested on the ceramic and plastic DIP
packaged parts (J8 and N8 suffix) and are sample tested on every lot of the SO
packaged parts (S8 suffix).
Note 11: See Application section for shutdown at elevated temperatures. Do
not operate shutdown above TJ > 125°C.
5V
–
+
ELECTRICAL C
C
HARA TERISTICS 0°C ≤ T
A ≤ 70°C, (Note 3)
ELECTRICAL C
C
HARA TERISTICS 0°C ≤ T
A ≤ 70°C, (Note 3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com