Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD75218 Datasheet(PDF) 21 Page - NEC

Part # UPD75218
Description  4-BIT SINGLE-CHIP MICROCOMPUTER
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD75218 Datasheet(HTML) 21 Page - NEC

Back Button UPD75218 Datasheet HTML 17Page - NEC UPD75218 Datasheet HTML 18Page - NEC UPD75218 Datasheet HTML 19Page - NEC UPD75218 Datasheet HTML 20Page - NEC UPD75218 Datasheet HTML 21Page - NEC UPD75218 Datasheet HTML 22Page - NEC UPD75218 Datasheet HTML 23Page - NEC UPD75218 Datasheet HTML 24Page - NEC UPD75218 Datasheet HTML 25Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 62 page
background image
21
µPD75218
Fig. 5-6 Timer/Pulse Generator Block Diagram (PWM Pulse Generation Mode)
Note
7.81 ms when the microcomputer operates at 4.19 MHz.
5.7
SERIAL INTERFACE
The serial interface has the following functions:
• Clock synchronous 8-bit send/receive operation (simultaneous send/receive)
• Clock synchronous 8-bit serial bus operation (data input/output from the SO pin. N-ch open-drain SO output)
• Start LSB/MSB switching
These functions facilitate data communication with another microcomputer of
µPD7500 series or 78K series via
a serial bus and coupling with peripheral devices.
fX
TPGM1
TPGM3
88
MODH
MODL
MODH (8)
PPO
TPGM5
TPGM7
INTTPG
1/2
MODL7-2 (6)
Internal bus
Modulo register H (8)
Modulo register L (8)
Frequency divider
Modulo latch (14)
PWM pulse generator
Selector
Output buffer
(IRQTPG set signal)
(2)
(
= 5.46 ms : when fX is 6.0 MHz)Note
215
fX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com